Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS401 Datasheet (PDF) - Toshiba Semiconductor

1SS401 Datasheet PDF - Toshiba Semiconductor
Part # 1SS401
Download  1SS401 Download
File Size   107.8 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DIODE (HIGH SPEED SWITCHING APPLICATIONS)

1SS401 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS401 Datasheet PDF - Toshiba Semiconductor

Part # 1SS401
Download  1SS401 Click to download

File Size   107.8 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DIODE (HIGH SPEED SWITCHING APPLICATIONS)

1SS401 Datasheet (HTML) - Toshiba Semiconductor


1SS401 Product details

High Speed Switching Applications



• Low forward voltage : VF (3) = 0.38 V (typ.)

• Low reverse current : IR = 50μA (max)

• Small total capacitance : CT = 46 pF (typ.)



 




Similar Part No. - 1SS401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS401 TOSHIBA-1SS401 Datasheet
173Kb / 3P
High Speed Switching Applications
logo
Galaxy Semi-Conductor H...
1SS401 BILIN-1SS401 Datasheet
111Kb / 2P
Schottky Barrier Diode
Rev.A
logo
Guangdong Kexin Industr...
1SS401 KEXIN-1SS401 Datasheet
43Kb / 1P
HIGH SPEED SWITCHING APPLICATIONS
logo
Shenzhen Jin Yu Semicon...
1SS401 HTSEMI-1SS401 Datasheet
299Kb / 2P
Schottoky DIODES
logo
Shenzhen Luguang Electr...
1SS401 LUGUANG-1SS401 Datasheet
257Kb / 2P
Schottoky Diode
More results


Similar Description - 1SS401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181 Datasheet
130Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
07-May-1997
1SS250 TOSHIBA-1SS250 Datasheet
128Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATIONS)
07-May-1997
1SS302 TOSHIBA-1SS302 Datasheet
126Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
07-May-1997
1SS360F TOSHIBA-1SS360F Datasheet
121Kb / 3P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
17-Feb-1999
1SS402 TOSHIBA-1SS402 Datasheet
112Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATIONS)
HN1D01F TOSHIBA-HN1D01F Datasheet
125Kb / 2P
DIODE (ULTRAL HIGH SPEED SWITCHING APPLICATIONS)
18-Aug-1997
HN1D01FU TOSHIBA-HN1D01FU Datasheet
129Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
18-Aug-1997
HN1D02FU TOSHIBA-HN1D02FU Datasheet
129Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
18-Aug-1997
HN1D03FU TOSHIBA-HN1D03FU Datasheet
169Kb / 4P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
18-Aug-1997
HN2D01F TOSHIBA-HN2D01F Datasheet
118Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATIONS)
18-Aug-1997
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com