Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3P600 Datasheet (PDF) - Actel Corporation

A3P600 Datasheet PDF - Actel Corporation
Part # A3P600
Download  A3P600 Download
File Size   217.85 Kbytes
Page   1 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description SD Controller

A3P600 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3P600 Datasheet PDF - Actel Corporation

Part # A3P600
Download  A3P600 Click to download

File Size   217.85 Kbytes
Page   1 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description SD Controller

A3P600 Datasheet (HTML) - Actel Corporation


A3P600 Product details

General Description
ProASIC3, the third-generation family of Actel flash FPGAs, offers performance, density, and features beyond those of the ProASICPLUS® family. Nonvolatile flash technology gives ProASIC3 devices the advantage of being a secure, low-power, single-chip solution that is live at power-up (LAPU). ProASIC3 is reprogrammable and offers time-to-market benefits at an ASIC-level unit cost. These features enable designers to create high-density systems using existing ASIC or FPGA design flows and tools.

Features and Benefits
High Capacity
• 15 k to 1 M System Gates
• Up to 144 kbits of True Dual-Port SRAM
• Up to 300 User I/Os

Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
• Live at Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off

High Performance
• 350 MHz System Performance
• 3.3 V, 66 MHz 64-Bit PCI†

In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption (except ARM-enabled ProASIC®3 devices) via JTAG (IEEE 1532–compliant)†
• FlashLock® to Secure FPGA Contents

Low Power
• Core Voltage for Low Power
• Support for 1.5 V-Only Systems
• Low-Impedance Flash Switches

High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure

Advanced I/O
• 700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
• 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 4 Banks per Chip
• Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS 2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS (A3P250 and above)
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold Sparing I/Os‡
• Programmable Output Slew Rate† and Drive Strength
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the ProASIC3 Family

Clock Conditioning Circuit (CCC) and PLL†
• Six CCC Blocks, One with an Integrated PLL
• Configurable Phase-Shift, Multiply/Divide, Delay Capabilities and External Feedback
• Wide Input Frequency Range (1.5 MHz to 350 MHz)

Embedded Memory†
• 1 kbit of FlashROM User Nonvolatile Memory
• SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
• True Dual-Port SRAM (except ×18)

ARM Processor Support in ProASIC3 FPGAs
• M1 and M7 ProASIC3 Devices—Cortex-M1 and CoreMP7 Soft Processor Available with or without Debug




Similar Part No. - A3P600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3P600 ETC2-A3P600 Datasheet
214Kb / 11P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
Microsemi Corporation
A3P600 MICROSEMI-A3P600 Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs
A3P600 MICROSEMI-A3P600 Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600 MICROSEMI-A3P600 Datasheet
9Mb / 212P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600 MICROSEMI-A3P600 Datasheet
9Mb / 210P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Similar Description - A3P600

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC6387XB TOSHIBA-TC6387XB Datasheet
1Mb / 62P
SD Memory Card / SDIO Card Controller
logo
GENESYS LOGIC
GL422 GENESYS-GL422 Datasheet
268Kb / 32P
USB 2.0 SD/MMC-controller Combo Solution
GL424 GENESYS-GL424 Datasheet
500Kb / 34P
SD/MMC Flash Card Controller
GL817E GENESYS-GL817E Datasheet
166Kb / 19P
USB 2.0 MS/ MS PRO/ SD/ MMC Controller
logo
Actel Corporation
EP560 ACTEL-EP560 Datasheet
139Kb / 4P
EP560 SD/SDIO/MMC Slave Controller
EP550 ACTEL-EP550 Datasheet
120Kb / 3P
EP550 SDIO/SD Memory/MMC Host Controller
logo
Taiwan Memory Technolog...
I5141-TG TMT-I5141-TG Datasheet
789Kb / 20P
SD/MMC Memory Card Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
logo
WAGO Kontakttechnik Gmb...
750-880-040-001 WAGO-750-880-040-001 Datasheet
705Kb / 15P
Controller ETHERNET; 3rd Generation; SD Card Slot
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com