Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX128-CSG100PP Datasheet (PDF) - Actel Corporation

EX128-CSG100PP Datasheet PDF - Actel Corporation
Part # EX128-CSG100PP
Download  EX128-CSG100PP Download
File Size   433.11 Kbytes
Page   49 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description eX Family FPGAs

EX128-CSG100PP Datasheet (PDF)

Go To PDF Page Download Datasheet
EX128-CSG100PP Datasheet PDF - Actel Corporation

Part # EX128-CSG100PP
Download  EX128-CSG100PP Click to download

File Size   433.11 Kbytes
Page   49 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description eX Family FPGAs

EX128-CSG100PP Datasheet (HTML) - Actel Corporation


EX128-CSG100PP Product details

General Description
The eX family of FPGAs is a low-cost solution for lowpower, high-performance designs. The inherent low power attributes of the antifuse technology, coupled with an additional low static power mode, make these devices ideal for power-sensitive applications. Fabricated with an advanced 0.22µm CMOS antifuse technology, these devices achieve high performance with no power penalty.
   
Features
• High-Performance, Low-Power Antifuse FPGA
• LP/Sleep Mode for Additional Power Savings
• Advanced Small-Footprint Packages
• Hot-Swap Compliant I/Os
• Single-Chip Solution
• Nonvolatile
• Live on Power-Up
• No Power-Up/Down Sequence Required for Supply Voltages
• Configurable Weak-Resistor Pull-Up or Pull-Down for Tristated Outputs during Power-Up
• Individual Output Slew Rate Control
• 2.5 V, 3.3 V, and 5.0 V Mixed-Voltage Operation with 5.0V Input Tolerance and 5.0V Drive Strength
• Software Design Support with Actel Designer and Libero™ Integrated Design Environment (IDE)  Tools
• Up to 100% Resource Utilization with 100% Pin Locking
• Deterministic Timing
• Unique In-System Diagnostic and Verification Capability with Silicon Explorer II
• Boundary Scan Testing in Compliance with IEEEStandard 1149.1 (JTAG)
• Fuselock™ Secure Programming Technology Prevents Reverse Engineering and Design Theft
   




Similar Part No. - EX128-CSG100PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-CSG100 ACTEL-EX128-CSG100 Datasheet
404Kb / 44P
eX Automotive Family FPGAs
EX128-CSG100A ACTEL-EX128-CSG100A Datasheet
404Kb / 44P
eX Automotive Family FPGAs
EX128-CSG100I ACTEL-EX128-CSG100I Datasheet
404Kb / 44P
eX Automotive Family FPGAs
More results


Similar Description - EX128-CSG100PP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
54SX Family FPGAs
EX128 ETC1-EX128 Datasheet
307Kb / 36P
eX Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
ACT2 Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
SX Family FPGAs
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
eX Automotive Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
SX Family FPGAs
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com