Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX128-CSG100PP Datasheet(PDF) 2 Page - Actel Corporation

Part # EX128-CSG100PP
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CSG100PP Datasheet(HTML) 2 Page - Actel Corporation

  EX128-CSG100PP Datasheet HTML 1Page - Actel Corporation EX128-CSG100PP Datasheet HTML 2Page - Actel Corporation EX128-CSG100PP Datasheet HTML 3Page - Actel Corporation EX128-CSG100PP Datasheet HTML 4Page - Actel Corporation EX128-CSG100PP Datasheet HTML 5Page - Actel Corporation EX128-CSG100PP Datasheet HTML 6Page - Actel Corporation EX128-CSG100PP Datasheet HTML 7Page - Actel Corporation EX128-CSG100PP Datasheet HTML 8Page - Actel Corporation EX128-CSG100PP Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
eX Family FPGAs
ii
v4.3
Ordering Information
Plastic Device Resources
Temperature Grade Offerings
Speed Grade and Temperature Grade Matrix
Contact your local Actel representative for device availability.
eX128
TQ
Part Number
Package Type
TQ = Thin Quad Flat Pack (0.5 mm pitch)
CS = Chip-Scale Package (0.8 mm pitch)
G
100
Package Lead Count
Application (Ambient Temperature Range)
I = Industrial (-40˚C to 85˚C)
A = Automotive (-40˚C to 125˚C)
PP = Pre-production
Blank = Commercial (0˚C to 70˚C)
Speed Grade
64 Dedicated Flip-Flops (3,000 System Gates)
eX64 =
eX128
128 Dedicated Flip-Flops (6,000 System Gates)
=
eX256
256 Dedicated Flip-Flops (12,000 System Gates)
=
Standard Speed
Blank=
P
Approximately 30% Faster than Standard
=
F
Approximately 40% Slower than Standard
=
P
Lead-Free Packaging
Blank = Standard Packaging
G = RoHS Compliant Packaging
User I/Os (Including Clock Buffers)
Device
TQFP 64-Pin
TQFP 100-Pin
CSP 49-Pin
CSP 128-Pin
CSP 180-Pin
eX64
41
56
36
84
—
eX128
467036
100
—
eX256
—
81
—
100
132
Note: Package Definitions:TQFP = Thin Quad Flat Pack, CSP = Chip Scale Package
Device\Package
TQFP 64-Pin
TQFP 100-Pin
CSP 49-Pin
CSP 128-Pin
CSP 180-Pin
eX64
C, I, A
C, I, A
C, I, A
C, I, A
C, I, A
eX128
C, I, A
C, I, A
C, I, A
C, I, A
C, I, A
eX256
C, I, A
C, I, A
C, I, A
C, I, A
C, I, A
Notes:
C = Commercial
I = Industrial
A = Automotive
–F
Std
–P
C
✓✓✓
I
✓✓
A
✓
Notes:
P = Approximately 30% faster than Standard
–F = Approximately 40% slower than Standard
Refer to the eX Automotive Family FPGAs datasheet for details on automotive temperature offerings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com