Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4914 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N4914 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N4914
Download  2N4914 Download
File Size   40.5 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistors

2N4914 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4914 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N4914
Download  2N4914 Click to download

File Size   40.5 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistors

2N4914 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N4914 Product details

DESCRIPTION
• Low Collector Saturation Voltage- : VCE(sat)= 1.5V(Max.)@ IC= 5A
• DC Current Gain- : hFE= 25-100 @IC= 2.5A
• Complement to Type 2N4905

APPLICATIONS
• Designed for general purpose use in power amplifier and switching circuits.




Similar Part No. - 2N4914

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4914 CENTRAL-2N4914 Datasheet
63Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N4914 SEME-LAB-2N4914 Datasheet
11Kb / 1P
Bipolar NPN Device in Hermetically sealed TO3 Metal Package
logo
List of Unclassifed Man...
2N4914 ETC-2N4914 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N4914 SAVANTIC-2N4914 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
Seme LAB
2N4914 SEME-LAB-2N4914 Datasheet
187Kb / 3P
SILICON EPITAXIAL
More results


Similar Description - 2N4914

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com