Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4914 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N4914
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N4914 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N4914 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N4914 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistors
2N4914
DESCRIPTION
·Low Collector Saturation Voltage-
: VCE(sat)= 1.5V(Max.)@ IC= 5A
·DC Current Gain-
: hFE= 25-100 @IC= 2.5A
·Complement to Type 2N4905
APPLICATIONS
·Designed for general purpose use in power amplifier and
switching circuits.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
5
A
IB
Base Current-Continuous
1
A
PC
Collector Power Dissipation@TC=25℃
87.5
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃


Similar Part No. - 2N4914

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4914 CENTRAL-2N4914 Datasheet
63Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N4914 SEME-LAB-2N4914 Datasheet
11Kb / 1P
Bipolar NPN Device in Hermetically sealed TO3 Metal Package
logo
List of Unclassifed Man...
2N4914 ETC-2N4914 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N4914 SAVANTIC-2N4914 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
Seme LAB
2N4914 SEME-LAB-2N4914 Datasheet
187Kb / 3P
SILICON EPITAXIAL
More results

Similar Description - 2N4914

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com