Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW36 Datasheet (PDF) - Vishay Siliconix

BYW36 Datasheet PDF - Vishay Siliconix
Part # BYW36
Download  BYW36 Download
File Size   46.68 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Silicon Mesa Rectifiers

BYW36 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW36 Datasheet PDF - Vishay Siliconix

Part # BYW36
Download  BYW36 Click to download

File Size   46.68 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Silicon Mesa Rectifiers

BYW36 Datasheet (HTML) - Vishay Siliconix


BYW36 Product details

FEATURES
• Glass passivated junction
• Hermetically sealed package
• Low reverse current
• Soft recovery characteristics
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Fast rectification an switching diode for example for TV-line output circuits and switch mode power supply




Similar Part No. - BYW36

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYW36 GE-BYW36 Datasheet
52Kb / 2P
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYW36 BILIN-BYW36 Datasheet
72Kb / 2P
FAST RECOVERY RECTIFIER
logo
Gulf Semiconductor
BYW36 GULFSEMI-BYW36 Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
logo
EIC discrete Semiconduc...
BYW36 EIC-BYW36 Datasheet
50Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Vishay Siliconix
BYW36 VISHAY-BYW36 Datasheet
118Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
More results


Similar Description - BYW36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5417 VISHAY-1N5417 Datasheet
45Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
BYT52 VISHAY-BYT52 Datasheet
42Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
BYT53 VISHAY-BYT53 Datasheet
43Kb / 4P
Very Fast Silicon Mesa Rectifiers
24-Jun-98
BYT54 VISHAY-BYT54 Datasheet
43Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
BYT56 VISHAY-BYT56 Datasheet
42Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
Fast Silicon Mesa Rectifiers
07-Dec-99
BYV12 VISHAY-BYV12 Datasheet
48Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
BYV27 VISHAY-BYV27 Datasheet
43Kb / 4P
Ultra Fast Silicon Mesa Rectifiers
24-Jun-98
BYV28 VISHAY-BYV28 Datasheet
43Kb / 4P
Ultra Fast Silicon Mesa Rectifiers
24-Jun-98
BYV37 VISHAY-BYV37 Datasheet
41Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com