Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW36 Datasheet (PDF) - General Semiconductor

BYW36 Datasheet PDF - General Semiconductor
Part # BYW36
Download  BYW36 Download
File Size   52.99 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER

BYW36 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW36 Datasheet PDF - General Semiconductor

Part # BYW36
Download  BYW36 Click to download

File Size   52.99 Kbytes
Page   2 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER

BYW36 Datasheet (HTML) - General Semiconductor


BYW36 Product details

FEATURES
♦ High temperature metallurgically bonded construction
♦ Hermetically sealed case
♦ Glass passivated cavity-free junction
♦ 2.0 Ampere operation at TA=55°C with no thermal runaway
♦ Typical IR less than 0.1µA
♦ Capable of meeting environmental standards of MIL-STD-19500
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed: 350°C/10 seconds 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension




Similar Part No. - BYW36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW36 VISHAY-BYW36 Datasheet
46Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
logo
Galaxy Semi-Conductor H...
BYW36 BILIN-BYW36 Datasheet
72Kb / 2P
FAST RECOVERY RECTIFIER
logo
Gulf Semiconductor
BYW36 GULFSEMI-BYW36 Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
logo
EIC discrete Semiconduc...
BYW36 EIC-BYW36 Datasheet
50Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Vishay Siliconix
BYW36 VISHAY-BYW36 Datasheet
118Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
More results


Similar Description - BYW36

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV95 GE-BYV95 Datasheet
52Kb / 2P
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG1A GE-RG1A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG4A GE-RG4A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RMPG06A GE-RMPG06A Datasheet
50Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RGPP15 CHENG-YI-RGPP15 Datasheet
97Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RGPP30 CHENG-YI-RGPP30 Datasheet
118Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
BYX10GP VISHAY-BYX10GP Datasheet
74Kb / 4P
Miniature Glass Passivated Junction Fast Switching Rectifier
12-Dec-13
logo
New Jersey Semi-Conduct...
RG1 NJSEMI-RG1 Datasheet
91Kb / 1P
MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
RG1A NJSEMI-RG1A Datasheet
93Kb / 1P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG3A NJSEMI-RG3A Datasheet
92Kb / 1P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com