Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S974T Datasheet (PDF) - Vishay Siliconix

S974T Datasheet PDF - Vishay Siliconix
Part # S974T
Download  S974T Download
File Size   100.94 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage

S974T Datasheet (PDF)

Go To PDF Page Download Datasheet
S974T Datasheet PDF - Vishay Siliconix

Part # S974T
Download  S974T Click to download

File Size   100.94 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage

S974T Datasheet (HTML) - Vishay Siliconix


S974T Product details

Features
● Easy Gate 1 switch-off with PNP switching transistors inside PLL
● High AGC-range with less steep slope
● Integrated gate protection diodes
● Low noise figure
● High gain
● Improved cross modulation at gain reduction
● SMD package

Applications
   Low noise gain controlled input stages in UHF-and VHF- tuner with 9 V supply voltage.




Similar Part No. - S974T

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
S97007B KEYSIGHT-S97007B Datasheet
1Mb / 10P
P93xxB Streamline Series Vector Network Analyzer (VNA)
S97010B KEYSIGHT-S97010B Datasheet
1Mb / 10P
P93xxB Streamline Series Vector Network Analyzer (VNA)
S97011B KEYSIGHT-S97011B Datasheet
1Mb / 10P
P93xxB Streamline Series Vector Network Analyzer (VNA)
logo
Hamamatsu Corporation
S9702 HAMAMATSU-S9702 Datasheet
95Kb / 2P
Si photodiode RGB color sensor
S9702 HAMAMATSU-S9702 Datasheet
66Kb / 2P
RGB color sensor integrated in small and thin package
More results


Similar Description - S974T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S504T VISHAY-S504T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S594T VISHAY-S594T Datasheet
155Kb / 9P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S849T VISHAY-S849T Datasheet
135Kb / 8P
MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage
20-Jan-99
S904T VISHAY-S904T Datasheet
77Kb / 4P
MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
20-Jan-99
S913T VISHAY-S913T Datasheet
155Kb / 9P
MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
20-Jan-99
S949T VISHAY-S949T Datasheet
194Kb / 9P
MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
20-Jan-99
S952T VISHAY-S952T Datasheet
100Kb / 6P
MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
20-Jan-99
S949T VISHAY-S949T_05 Datasheet
198Kb / 10P
MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
02-May-05
S949T VISHAY-S949T_08 Datasheet
322Kb / 10P
MOSMIC® for TV-Tuner Prestage with 9 V Supply Voltage
08-Sep-08
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
08-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com