Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S849T Datasheet (PDF) - Vishay Siliconix

S849T Datasheet PDF - Vishay Siliconix
Part # S849T
Download  S849T Download
File Size   135.39 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage

S849T Datasheet (PDF)

Go To PDF Page Download Datasheet
S849T Datasheet PDF - Vishay Siliconix

Part # S849T
Download  S849T Click to download

File Size   135.39 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage

S849T Datasheet (HTML) - Vishay Siliconix


S849T Product details

Features
● Integrated gate protection diodes
● Low noise figure
● High gain
● Biasing network on chip
● Improved cross modulation at gain reduction
● High AGC-range
● SMD package

Applications
  Low noise gain controlled input stages in UHF-and VHF- tuner with 12 V supply voltage.




Similar Part No. - S849T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S84-11 ETC2-S84-11 Datasheet
502Kb / 2P
CLASS 2 TRANSFORMERS ??ENERGY LIMITING
S841 ETC2-S841 Datasheet
249Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
logo
Roithner LaserTechnik G...
S8410MG ROITHNER-S8410MG Datasheet
340Kb / 5P
Infrared Laser Diode
logo
Solid State Optronic
S842 SSOUSA-S842 Datasheet
166Kb / 4P
1 Form A Solid State Relay
S842 SSOUSA-S842 Datasheet
166Kb / 4P
1 Form A Solid State Relay
More results


Similar Description - S849T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S504T VISHAY-S504T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S592T VISHAY-S592T Datasheet
100Kb / 6P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S594T VISHAY-S594T Datasheet
155Kb / 9P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S595T VISHAY-S595T Datasheet
203Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
02-May-05
S886T VISHAY-S886T Datasheet
135Kb / 8P
MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage
20-Jan-99
S904T VISHAY-S904T Datasheet
77Kb / 4P
MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
20-Jan-99
S949T VISHAY-S949T Datasheet
194Kb / 9P
MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
20-Jan-99
S974T VISHAY-S974T Datasheet
100Kb / 6P
MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
20-Jan-99
S506TY VISHAY-S506TY Datasheet
115Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
21-Oct-02
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
08-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com