Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S886T Datasheet (PDF) - Vishay Siliconix

S886T Datasheet PDF - Vishay Siliconix
Part # S886T
Download  S886T Download
File Size   135.14 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage

S886T Datasheet (PDF)

Go To PDF Page Download Datasheet
S886T Datasheet PDF - Vishay Siliconix

Part # S886T
Download  S886T Click to download

File Size   135.14 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage

S886T Datasheet (HTML) - Vishay Siliconix


S886T Product details

Features
• Integrated gate protection diodes
• Low noise figure
• High gain
• Biasing network on chip
• Improved cross modulation at gain reduction
• High AGC-range
• SMD package
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

Applications
    Low noise gain controlled input stages in UHF-and VHF- tuner with 12 V supply voltage.




Similar Part No. - S886T

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S8861 BOTHHAND-S8861 Datasheet
54Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S8862 BOTHHAND-S8862 Datasheet
78Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
S8863 BOTHHAND-S8863 Datasheet
54Kb / 1P
T1/CEPT/ISDN-PRI TRANSFORMER
logo
Hamamatsu Corporation
S8865 HAMAMATSU-S8865 Datasheet
175Kb / 6P
Photodiode array combined with signal processing circuit chip
S8865-128 HAMAMATSU-S8865-128 Datasheet
175Kb / 6P
Photodiode array combined with signal processing circuit chip
More results


Similar Description - S886T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S504T VISHAY-S504T Datasheet
99Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S592T VISHAY-S592T Datasheet
100Kb / 6P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S594T VISHAY-S594T Datasheet
155Kb / 9P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
20-Jan-99
S595T VISHAY-S595T Datasheet
203Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
02-May-05
S849T VISHAY-S849T Datasheet
135Kb / 8P
MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage
20-Jan-99
S904T VISHAY-S904T Datasheet
77Kb / 4P
MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
20-Jan-99
S949T VISHAY-S949T Datasheet
194Kb / 9P
MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
20-Jan-99
S974T VISHAY-S974T Datasheet
100Kb / 6P
MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
20-Jan-99
S506TY VISHAY-S506TY Datasheet
115Kb / 5P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
21-Oct-02
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
08-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com