Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF4002 Datasheet (PDF) - Vishay Siliconix

SF4002 Datasheet PDF - Vishay Siliconix
Part # SF4002
Download  SF4002 Download
File Size   49.82 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Super Fast Soft Recovery Rectifier

SF4002 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF4002 Datasheet PDF - Vishay Siliconix

Part # SF4002
Download  SF4002 Click to download

File Size   49.82 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Super Fast Soft Recovery Rectifier

SF4002 Datasheet (HTML) - Vishay Siliconix


SF4002 Product details

FEATURES
• Glass passivated
• Hermetically sealed axial leaded glass envelope
• Low reverse current
• High reverse voltage
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Switched mode power supplies
• High-frequency inverter circuits




Similar Part No. - SF4002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF4002 VISHAY-SF4002 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
04-Aug-10
SF4002 VISHAY-SF4002 Datasheet
128Kb / 6P
Ultra-Fast Avalanche Sinterglass Diode
11-Sep-12
logo
SUNMATE electronic Co.,...
SF4002 SUNMATE-SF4002 Datasheet
143Kb / 3P
1A Axial Leaded Super Fast Soft Recovery Rectifier
logo
Vishay Siliconix
SF4002 VISHAY-SF4002 Datasheet
141Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
21-Feb-18
logo
Gulf Semiconductor
SF4002GP GULFSEMI-SF4002GP Datasheet
183Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results


Similar Description - SF4002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYG85B PHILIPS-BYG85B Datasheet
66Kb / 12P
Fast soft-recovery rectifier
1998 Nov 25
BYV1100 PHILIPS-BYV1100 Datasheet
64Kb / 12P
Fast soft-recovery rectifier
1998 Dec 03
BYV98 PHILIPS-BYV98 Datasheet
56Kb / 8P
Fast soft-recovery rectifier
1996 Jun 07
logo
Vishay Siliconix
BYT41 VISHAY-BYT41 Datasheet
44Kb / 4P
Fast Soft Recovery Rectifier
24-Jun-98
BYT44 VISHAY-BYT44 Datasheet
42Kb / 4P
Super Fast Soft Recovery Rectifier
24-Jun-98
S414D VISHAY-S414D Datasheet
36Kb / 3P
Fast Soft Recovery Rectifier
24-Jun-98
SF5400 VISHAY-SF5400 Datasheet
51Kb / 5P
Super Fast Soft Recovery Rectifier
24-Jun-98
logo
SUNMATE electronic Co.,...
SF4001 SUNMATE-SF4001 Datasheet
143Kb / 3P
1A Axial Leaded Super Fast Soft Recovery Rectifier
SF5400 SUNMATE-SF5400 Datasheet
166Kb / 2P
3A Axial Leaded Super Fast Soft Recovery Rectifier
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com