Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF4002 Datasheet (PDF) - Vishay Siliconix

SF4002 Datasheet PDF - Vishay Siliconix
Part # SF4002
Download  SF4002 Download
File Size   120.96 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra-Fast Avalanche Sinterglass Diode

SF4002 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF4002 Datasheet PDF - Vishay Siliconix

Part # SF4002
Download  SF4002 Click to download

File Size   120.96 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra-Fast Avalanche Sinterglass Diode

SF4002 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - SF4002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF4002 VISHAY-SF4002 Datasheet
49Kb / 5P
Super Fast Soft Recovery Rectifier
24-Jun-98
SF4002 VISHAY-SF4002 Datasheet
128Kb / 6P
Ultra-Fast Avalanche Sinterglass Diode
11-Sep-12
logo
SUNMATE electronic Co.,...
SF4002 SUNMATE-SF4002 Datasheet
143Kb / 3P
1A Axial Leaded Super Fast Soft Recovery Rectifier
logo
Vishay Siliconix
SF4002 VISHAY-SF4002 Datasheet
141Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
21-Feb-18
logo
Gulf Semiconductor
SF4002GP GULFSEMI-SF4002GP Datasheet
183Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results


Similar Description - SF4002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
Ultra Fast Avalanche Sinterglass Diode
04-Aug-10
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
Ultra Fast Avalanche Sinterglass Diode
04-Aug-10
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
04-Sep-12
logo
Nanjing International G...
BYV26E DGNJDZ-BYV26E Datasheet
175Kb / 2P
Ultra Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYV2850-50 VISHAY-BYV2850-50 Datasheet
125Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
21-Feb-18
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
Ultra-Fast Avalanche Sinterglass Diode
21-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com