Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIF12W300-L Datasheet (PDF) - Emerson Network Power

AIF12W300-L Datasheet PDF - Emerson Network Power
Part # AIF12W300-L
Download  AIF12W300-L Download
File Size   148.56 Kbytes
Page   2 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 600 W continuous power at 100 째C baseplate temperature

AIF12W300-L Datasheet (PDF)

Go To PDF Page Download Datasheet
AIF12W300-L Datasheet PDF - Emerson Network Power

Part # AIF12W300-L
Download  AIF12W300-L Click to download

File Size   148.56 Kbytes
Page   2 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 600 W continuous power at 100 째C baseplate temperature

AIF12W300-L Datasheet (HTML) - Emerson Network Power


AIF12W300-L Product details

Special Features
• 600 W continuous power at 100 °C baseplate temperature
• 108 W/in3 (6.6W/cm3)
• High efficiency - up to 90%
• Low output ripple and noise
• Positive and Negative enable function
• Excellent transient response
• OVP, OCP, V Adj control with ALPTM
• Paralleable with accurate current sharing




Similar Part No. - AIF12W300-L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF12W300-L/N-L/-NTL ASTEC-AIF12W300-L/N-L/-NTL Datasheet
940Kb / 38P
DC-DC Converter Module
More results


Similar Description - AIF12W300-L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AIF25R48 EMERSON-NETWORKPOWER-AIF25R48 Datasheet
109Kb / 2P
700W Continuous power at 100째C baseplate temperature
AIF EMERSON-NETWORKPOWER-AIF Datasheet
139Kb / 2P
600W Continuous power at 100째C baseplate temperature
AIH EMERSON-NETWORKPOWER-AIH Datasheet
139Kb / 2P
250W Continuous power at 100째C baseplate temperature
logo
SL Power Electronics
GPM200 SLPOWER-GPM200 Datasheet
48Kb / 2P
Maximum Continuous Output Power at 50째C With external 26 cfm Airflow = 200 W
logo
XP Power Limited
ECC100 XPPOWER-ECC100 Datasheet
2Mb / 15P
100 W - Baseplate Cooled
ECC XPPOWER-ECC Datasheet
318Kb / 2P
100 W - Baseplate Cooled
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
logo
Vicor Corporation
BCM384Y120X1K5AC1 VICOR-BCM384Y120X1K5AC1 Datasheet
2Mb / 23P
Up to 1500 W continuous output power
logo
CUI INC
SWI10-N CUI-SWI10-N Datasheet
550Kb / 5P
up to 12 W continuous power
SWI25-E CUI-SWI25-E Datasheet
439Kb / 4P
up to 25.2 W continuous power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com