Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSL3150 Datasheet (PDF) - Vishay Siliconix

TDSL3150 Datasheet PDF - Vishay Siliconix
Part # TDSL3150
Download  TDSL3150 Download
File Size   74.87 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 10 mm Seven Segment Display

TDSL3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSL3150 Datasheet PDF - Vishay Siliconix

Part # TDSL3150
Download  TDSL3150 Click to download

File Size   74.87 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 10 mm Seven Segment Display

TDSL3150 Datasheet (HTML) - Vishay Siliconix


TDSL3150 Product details

DESCRIPTION
The TDSL31.0 series are 10 mm character seven segment low current LED displays in a very compact package.
The displays are designed for a viewing distance up to 6 m and available in high efficiency red. The grey package surface and the evenly lighted untinted segments provide an optimum on-off contrast.
All displays are categorized in luminous intensity groups.
That allows users to assemble displays with uniform appearence.
Typical applications include instruments, panel meters, point-of-sale terminals and household equipment.

FEATURES
• Low power consumption
• Suitable for DC and multiplex operation
• Evenly lighted segments
• Grey package surface
• Untinted segments
• Luminous intensity categorized
• Wide viewing angle
• Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC

APPLICATIONS
• Panel meters
• Test- and measure- equipment
• Point-of-sale terminals




Similar Part No. - TDSL3150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL3150 VISHAY-TDSL3150 Datasheet
145Kb / 9P
Low Current 10 mm Seven Segment Display
22-Jan-10
TDSL3150 VISHAY-TDSL3150 Datasheet
145Kb / 9P
Low Current 10 mm Seven Segment Display
22-Jan-10
TDSL3150 VISHAY-TDSL3150 Datasheet
111Kb / 7P
Low Current 10 mm 7-Segment Display
15-Nov-2021
TDSL3150 VISHAY-TDSL3150 Datasheet
110Kb / 7P
Low Current 10 mm 7-Segment Display
15-Nov-2021
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
Low Current 10 mm Seven Segment Display
22-Jan-10
More results


Similar Description - TDSL3150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
Low Current 7 mm Seven Segment Display
31-Aug-04
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
Low Current 13 mm Seven Segment Display
02-Jun-99
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
10 mm Seven Segment Display
02-Jun-99
logo
Siemens Semiconductor G...
HDN1075O SIEMENS-HDN1075O Datasheet
511Kb / 5P
SEVEN SEGMENT DISPLAY 7MM LOW CURRENT VERSION
logo
Vishay Siliconix
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
Low Current 13 mm Seven Segment Display
05-Oct-00
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
Low Current 7 mm Seven Segment Display
25-Jan-10
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
Low Current 10 mm Seven Segment Display
22-Jan-10
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
Low Current 13 mm Seven-Segment Display
26-Jul-11
TDSL31 VISHAY-TDSL31_V01 Datasheet
111Kb / 7P
Low Current 10 mm 7-Segment Display
15-Nov-2021
TDSL3150 VISHAY-TDSL3150_V01 Datasheet
110Kb / 7P
Low Current 10 mm 7-Segment Display
15-Nov-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com