Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSR315 Datasheet (PDF) - Vishay Siliconix

TDSR315 Datasheet PDF - Vishay Siliconix
Part # TDSR315
Download  TDSR315 Download
File Size   119.67 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 10 mm Seven Segment Display

TDSR315 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSR315 Datasheet PDF - Vishay Siliconix

Part # TDSR315
Download  TDSR315 Click to download

File Size   119.67 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 10 mm Seven Segment Display

TDSR315 Datasheet (HTML) - Vishay Siliconix


TDSR315 Product details

Description

The TDS.31.. series are 10 mm character seven segment LED displays in a very compact package.

The displays are designed for a viewing distance up to 6 meters and available in four bright colors. The grey package surface and the evenly lighted untinted segments provide an optimum on-off contrast.

All displays are categorized in luminous intensity groups. That allows users to assemble displays with uniform appearence. Typical applications include instruments, panel meters, point-of-sale terminals and household equipment.



Features

• Evenly lighted segments

• Grey package surface

• Untinted segments

• Luminous intensity categorized

• Yellow and green categorized for color

• Wide viewing angle

• Suitable for DC and high peak current



Applications

  Panel meters

  Test- and measure- equipment

  Point-of-sale terminals

  Control units



 




Similar Part No. - TDSR315

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDSR315 TEMIC-TDSR315 Datasheet
129Kb / 9P
13 mm Seven Segment Display
logo
Vishay Siliconix
TDSR315./316. VISHAY-TDSR315./316. Datasheet
149Kb / 9P
Standard 7- Segment Display 13 mm
05-Oct-00
More results


Similar Description - TDSR315

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
Low Current 7 mm Seven Segment Display
31-Aug-04
TDSL3150 VISHAY-TDSL3150 Datasheet
74Kb / 6P
Low Current 10 mm Seven Segment Display
02-Jun-99
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
Low Current 13 mm Seven Segment Display
02-Jun-99
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
7 mm Seven Segment Display
02-Jun-99
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
13 mm Seven Segment Display
02-Jun-99
logo
Kingbright Corporation
SA50-21EWA KINGBRIGHT-SA50-21EWA Datasheet
91Kb / 3P
14.2 MM (0.50 INCH) SEVEN SEGMENT DISPLAY
logo
TEMIC Semiconductors
TDSR515 TEMIC-TDSR515 Datasheet
129Kb / 9P
13 mm Seven Segment Display
logo
Vishay Siliconix
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
Low Current 7 mm Seven Segment Display
25-Jan-10
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
Low Current 10 mm Seven Segment Display
22-Jan-10
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
Seven Segment Display
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com