Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2000-3 Datasheet (PDF) - Emerson Network Power

DS2000-3 Datasheet PDF - Emerson Network Power
Part # DS2000-3
Download  DS2000-3 Download
File Size   1068.61 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description Active power factor correction

DS2000-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2000-3 Datasheet PDF - Emerson Network Power

Part # DS2000-3
Download  DS2000-3 Click to download

File Size   1068.61 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description Active power factor correction

DS2000-3 Datasheet (HTML) - Emerson Network Power


DS2000-3 Product details

Special Features
• Active power factor correction
• EN61000-3-2 harmonic compliance
• Active AC inrush control
• 1U X 3U form factor
• 26.14 W / in3
• +12 Vdc output
• +3.3 Vdc Stand-By (5 V standby - consult factory)
• No minimum load required
• Hot plug operation
• N + 1 redundant
• Internal OR’ing fets
• Active current sharing (10 - 100% load)
• Built-in cooling fans (40 mm x 28 mm)
• I2C communication interface bus
• PM Bus compliant
• EERPOM for FRU data
• Red/Green bi-color LED status
• Internal fan speed control
• INTEL, SSI Std. logic timing
• INTEL, SSI Std. FRU data format
• One year warranty




Similar Part No. - DS2000-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
747Kb / 4P
2000 Watts 12 V Distributed Power System
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
761Kb / 4P
2000 Watts 12 V Distributed Power System
logo
Artesyn Technologies
DS2000-3 ARTESYN-DS2000-3 Datasheet
838Kb / 4P
2000 Watts 12 V Distributed Power System
logo
Emerson Network Power
DS2000-3-001 EMERSON-NETWORKPOWER-DS2000-3-001 Datasheet
761Kb / 4P
2000 Watts 12 V Distributed Power System
logo
Artesyn Technologies
DS2000-3-001 ARTESYN-DS2000-3-001 Datasheet
838Kb / 4P
2000 Watts 12 V Distributed Power System
More results


Similar Description - DS2000-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
LPS350 EMERSON-NETWORKPOWER-LPS350 Datasheet
508Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com