Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS500 Datasheet (PDF) - Emerson Network Power

NTS500 Datasheet PDF - Emerson Network Power
Part # NTS500
Download  NTS500 Download
File Size   457.13 Kbytes
Page   3 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description Active power factor correction

NTS500 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTS500 Datasheet PDF - Emerson Network Power

Part # NTS500
Download  NTS500 Click to download

File Size   457.13 Kbytes
Page   3 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description Active power factor correction

NTS500 Datasheet (HTML) - Emerson Network Power


NTS500 Product details

NTS500 Series 500 Watts



Total Power: 200 - 500 Watts

Input Voltage: 85 - 264 Vac

          120 - 300 Vdc

# of Outputs: Single



Special Features

• Active power factor correction

• IEC EN61000-3-2 compliance

• Remote sense

• Power fail and remote inhibit

• Single wire current sharing

• Built-in EMI filter

• Low output ripple

• 5 V standby

• 12 V fan output

• Overvoltage protection

• Overload protection

• Thermal overload protection

• DC power good

• Built in OR-ing diode / FET

• Optional fan cover (-CF suffix)

• PM Bus compliant

• Digital I2C interface

• 2 year warranty

• POE isolation on NTS508



 




Similar Part No. - NTS500

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NTS500 ARTESYN-NTS500 Datasheet
929Kb / 5P
Power fail and remote inhibit
logo
Emerson Network Power
NTS500-M EMERSON-NETWORKPOWER-NTS500-M Datasheet
1Mb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M Datasheet
680Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500_09 Datasheet
696Kb / 3P
Active power factor correction
More results


Similar Description - NTS500

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
LPS350 EMERSON-NETWORKPOWER-LPS350 Datasheet
508Kb / 2P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com