Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSG515 Datasheet (PDF) - Vishay Siliconix

TDSG515 Datasheet PDF - Vishay Siliconix
Part # TDSG515
Download  TDSG515 Download
File Size   120.91 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 13 mm Seven Segment Display

TDSG515 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSG515 Datasheet PDF - Vishay Siliconix

Part # TDSG515
Download  TDSG515 Click to download

File Size   120.91 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 13 mm Seven Segment Display

TDSG515 Datasheet (HTML) - Vishay Siliconix


TDSG515 Product details

Description
The TDS.51.. series are 13 mm character seven segment LED displays in a very compact package.
The displays are designed for a viewing distance up to 7 meters and available in four bright colors. The grey package surface and the evenly lighted untinted segments provide an optimum on-off contrast.
All displays are categorized in luminous intensity groups. That allows users to assemble displays with uniform appearence.
Typical applications include instruments, panel meters, point-of-sale terminals and household equipment.

Features
● Evenly lighted segments
● Grey package surface
● Untinted segments
● Luminous intensity categorized
● Yellow and green categorized for color
● Wide viewing angle
● Suitable for DC and high peak current

Applications
    Panel meters
    Test- and measure- equipment
    Point-of-sale terminals
    Control units
    TV sets




Similar Part No. - TDSG515

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TDSG515 TEMIC-TDSG515 Datasheet
129Kb / 9P
13 mm Seven Segment Display
logo
Vishay Siliconix
TDSG515. VISHAY-TDSG515. Datasheet
149Kb / 9P
Standard 7- Segment Display 13 mm
05-Oct-00
TDSG5150 VISHAY-TDSG5150 Datasheet
225Kb / 9P
Standard 7- Segment Display 13 mm
31-Aug-04
TDSG5150 VISHAY-TDSG5150 Datasheet
163Kb / 12P
Standard 7-Segment Display 13 mm
10-Feb-10
TDSG5150 VISHAY-TDSG5150 Datasheet
170Kb / 12P
Standard 7-Segment Display 13 mm DESCRIPTION The
06-Dec-2021
More results


Similar Description - TDSG515

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
Low Current 13 mm Seven Segment Display
02-Jun-99
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
7 mm Seven Segment Display
02-Jun-99
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
10 mm Seven Segment Display
02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
Low Current 13 mm Seven Segment Display
05-Oct-00
TDSR135 VISHAY-TDSR135 Datasheet
97Kb / 5P
High Intensity 13 mm Seven Segment Display
05-Oct-00
logo
TEMIC Semiconductors
TDSR515 TEMIC-TDSR515 Datasheet
129Kb / 9P
13 mm Seven Segment Display
logo
Vishay Siliconix
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
Low Current 13 mm Seven-Segment Display
26-Jul-11
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
13 mm Slim Font Seven Segment Displays
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
Standard 7-Segment Display 13 mm
06-Dec-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com