Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS80 Datasheet (PDF) - Emerson Network Power

NFS80 Datasheet PDF - Emerson Network Power
Part # NFS80
Download  NFS80 Download
File Size   245.43 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 80 W universal input ac-dc power supply

NFS80 Datasheet (PDF)

Go To PDF Page Download Datasheet
NFS80 Datasheet PDF - Emerson Network Power

Part # NFS80
Download  NFS80 Click to download

File Size   245.43 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 80 W universal input ac-dc power supply

NFS80 Datasheet (HTML) - Emerson Network Power


NFS80 Product details

The NFS80 series is a 80 W universal input ac-dc power supply on a 7 x 4.25 inch card. The NFS80 series has two quad output models with a very high peak capability on the auxiliary outputs for drive and motor applications. The NFS80 provides 80 W of output power with free air convection cooling which can be boosted to 110 W with 20 CFM of forced air. Standard features include overvoltage and short-circuit protection. The series, with full international safety approval and the CE mark, meets conducted emissions EN55022 level B. The NFS80 series is designed for use in low power data networking, computer, telecom and industrial applications such as servers, PABXs, storage devices, vending machines and printers.

Special Features
• 7.0 x 4.25 x 1.8 inch package
• Overvoltage and short circuit protection
• 80 W with free air convection
• Adjustable outputs
• Isolated output
• Floating fourth output
• EN55022, EN55011 conducted emissions level B
• UL, VDE and CSA safety approvals
• Available RoHS compliant
• 2 year warranty




Similar Part No. - NFS80

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
logo
Amphenol Corporation
NFS80-7602 AMPHENOL-NFS80-7602 Datasheet
250Kb / 4P
Overvoltage and short circuit protection, Floating fourth output, Available RoHS compliant
logo
Artesyn Technologies
NFS80-7602J ARTESYN-NFS80-7602J Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
NFS80-7602 ARTESYN-NFS80-7602_13 Datasheet
250Kb / 4P
80 W with free air convection, Adjustable outputs, Available RoHS compliant
NFS80-7606J ARTESYN-NFS80-7606J Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
More results


Similar Description - NFS80

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NFS110 ARTESYN-NFS110 Datasheet
62Kb / 3P
80-110W AC/DC Universal Input Switch Mode Power Supplies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
40 W universal input ac-dc power supply
NFS110 EMERSON-NETWORKPOWER-NFS110 Datasheet
242Kb / 4P
110 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL Datasheet
241Kb / 4P
65 W universal input ac-dc power supply
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
40 W universal input ac-dc power supply
NLP65MEDICAL EMERSON-NETWORKPOWER-NLP65MEDICAL_09 Datasheet
959Kb / 4P
65 W universal input ac-dc power supply
logo
ETA-USA
AOPS150 ETA-USA-AOPS150 Datasheet
1Mb / 7P
150 Watt AC/DC Power Supply Universal Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com