Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS80 Datasheet(PDF) 2 Page - Emerson Network Power

Part # NFS80
Description  80 W universal input ac-dc power supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NFS80 Datasheet(HTML) 2 Page - Emerson Network Power

  NFS80 Datasheet HTML 1Page - Emerson Network Power NFS80 Datasheet HTML 2Page - Emerson Network Power NFS80 Datasheet HTML 3Page - Emerson Network Power NFS80 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.02.16.07
NFS80 Series
2 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated
Specifications
OUTPUT SPECIFICATIONS
Output voltage
+5 V output on multi’s
±3.0%
adjustability
Vout on singles
Line regulation
Main output
±0.1% max.
LL to HL, FL
Auxiliary outputs
±0.1% max.
Total regulation
(See Note 5)
See table
Overshoot/undershoot
At turn-on
0%
Transient response
+5 V (1 A to 12 A)
±150 mV peak
1 ms recovery
Temperature coefficient
All outputs
±0.02%/°C
Overvoltage protection
+5 V output
140% Vout max.
Minimum output current
Main output
1 A
See derating curve
Auxiliary output
0 A
Output power limit
Primary power limit
160 W Pin max.
110 W Pout min.
Short circuit protection
Yes with auto recovery
INPUT SPECIFICATIONS
Input voltage range
Universal input
90-264 Vac
120-370 Vdc
Input frequency range
47-440 Hz
Input surge current
115 Vac, cold start
19 A
230 Vac, cold start
38 A
Safety ground
110 Vac, 60 Hz
0.2 mA
leakage current
230 Vac, 50 Hz
0.4 mA
EMC CHARACTERISTICS (11,C)
Conducted emissions
EN55022,FCC part 15
Level B
Radiated emissions
EN55022 FCC part 15
Level B
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
EMC CHARACTERISTICS (11,C)
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 1
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1
GENERAL SPECIFICATIONS
Hold-up time
110 Vac, @ 80 W
35 ms
110 Vac, @ 110 W
17 ms
230 Vac, @ 80 W
140 ms
230 Vac, @ 110 W
100 ms
Efficiency
70% typical
Isolation voltage
Input/output
3000 Vac
Input/chassis
1500 Vac
Switching frequency
20-70 kHz
Approvals and
VDE0805, EN60950, IEC950
standards
IEC1010, UL1950
(See Note 10)
CSA C22.2 No. 950
Weight
600 g (21.18 oz)
MTBF (See Note 7)
MIL-HDBK-217E @ 25 °C
250,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating, see curve
0 °C to +70 °C
Non-operating
–40 °C to +85 °C
50 °C to +70 °C
Derate
natural convection
2 W/°C
50 °C to +70 °C
Derate
20 CFM forced air cooling
2.75 W/°C
Relative humidity
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 9)
5-500 Hz
2.4 G rms approx.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com