Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD3N50 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD3N50 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD3N50
Download  AOD3N50 Download
File Size   174.35 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 3A, 500V N-Channel MOSFET

AOD3N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD3N50 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD3N50
Download  AOD3N50 Click to download

File Size   174.35 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 3A, 500V N-Channel MOSFET

AOD3N50 Datasheet (HTML) - Alpha & Omega Semiconductors


AOD3N50 Product details

General Description
The AOD3N50 & AOU3N50 have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications. By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

Product Summary
   VDS                                     600V@150℃
   ID (at VGS=10V)                 2.8A
   RDS(ON) (at VGS=10V)     < 3Ω
  
   100% UIS Tested!
   100% Rg Tested!




Similar Part No. - AOD3N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD3N50 AOSMD-AOD3N50 Datasheet
331Kb / 6P
500V, 3A N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOD3N50 VBSEMI-AOD3N50 Datasheet
1Mb / 9P
Power MOSFET
logo
Inchange Semiconductor ...
AOD3N50 ISC-AOD3N50 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOD3N50 AOSMD-AOD3N50_11 Datasheet
331Kb / 6P
500V, 3A N-Channel MOSFET
More results


Similar Description - AOD3N50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
May-1998
logo
Fairchild Semiconductor
FDD5N50U FAIRCHILD-FDD5N50U Datasheet
641Kb / 8P
N-Channel MOSFET, FRFET 500V, 3A, 2.0廓
logo
Alpha & Omega Semicondu...
AOT3N50 AOSMD-AOT3N50 Datasheet
146Kb / 6P
500V, 3A N-Channel MOSFET
logo
Unisonic Technologies
3N50_1109 UTC-3N50_1109 Datasheet
181Kb / 6P
3A, 500V N-CHANNEL POWER MOSFET
3N50Z UTC-3N50Z Datasheet
178Kb / 6P
3A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD3N50 AOSMD-AOD3N50_11 Datasheet
331Kb / 6P
500V, 3A N-Channel MOSFET
AOT3N50 AOSMD-AOT3N50_10 Datasheet
164Kb / 6P
500V, 3A N-Channel MOSFET
AOD3C50 AOSMD-AOD3C50 Datasheet
316Kb / 6P
500V,3A N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com