Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N50Z Datasheet (PDF) - Unisonic Technologies

3N50Z Datasheet PDF - Unisonic Technologies
Part # 3N50Z
Download  3N50Z Download
File Size   178.84 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3A, 500V N-CHANNEL POWER MOSFET

3N50Z Datasheet (PDF)

Go To PDF Page Download Datasheet
3N50Z Datasheet PDF - Unisonic Technologies

Part # 3N50Z
Download  3N50Z Click to download

File Size   178.84 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 3A, 500V N-CHANNEL POWER MOSFET

3N50Z Datasheet (HTML) - Unisonic Technologies


3N50Z Product details

DESCRIPTION
The UTC 3N50Z is an N-channel mode power MOSFET using UTC’s advanced technology to provide customers with planar stripe and DMOS technology. This technology allows a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode.
The UTC 3N50Z is generally applied in high efficiency switch mode power supplies, active power factor correction and electronic lamp ballasts based on half bridge topology.

FEATURES
* RDS(ON) < 3.2Ω @ VGS=10V, ID=1.5A
* High Switching Speed
* 100% Avalanche Tested




Similar Part No. - 3N50Z

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
3N50Z VBSEMI-3N50Z Datasheet
1Mb / 9P
N-Channel 650 V (D-S) Power MOSFET
3N50ZG VBSEMI-3N50ZG Datasheet
1Mb / 9P
N-Channel 650 V (D-S) Power MOSFET
logo
Unisonic Technologies
3N50ZG-TF3-T UTC-3N50ZG-TF3-T Datasheet
178Kb / 6P
N-CHANNEL POWER MOSFET
3N50ZL-TF3-T UTC-3N50ZL-TF3-T Datasheet
178Kb / 6P
N-CHANNEL POWER MOSFET
3N50Z UTC-3N50Z_15 Datasheet
178Kb / 6P
N-CHANNEL POWER MOSFET
More results


Similar Description - 3N50Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7402 INTERSIL-JANSR2N7402 Datasheet
45Kb / 8P
3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
logo
Fairchild Semiconductor
FDD5N50U FAIRCHILD-FDD5N50U Datasheet
641Kb / 8P
N-Channel MOSFET, FRFET 500V, 3A, 2.0廓
logo
Alpha & Omega Semicondu...
AOD3N50 AOSMD-AOD3N50 Datasheet
174Kb / 6P
3A, 500V N-Channel MOSFET
AOT3N50 AOSMD-AOT3N50 Datasheet
146Kb / 6P
500V, 3A N-Channel MOSFET
logo
Unisonic Technologies
3N50_1109 UTC-3N50_1109 Datasheet
181Kb / 6P
3A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOD3N50 AOSMD-AOD3N50_11 Datasheet
331Kb / 6P
500V, 3A N-Channel MOSFET
AOT3N50 AOSMD-AOT3N50_10 Datasheet
164Kb / 6P
500V, 3A N-Channel MOSFET
AOD3C50 AOSMD-AOD3C50 Datasheet
316Kb / 6P
500V,3A N-Channel MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com