Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSAL5300 Datasheet (PDF) - Vishay Siliconix

TSAL5300 Datasheet PDF - Vishay Siliconix
Part # TSAL5300
Download  TSAL5300 Download
File Size   291.85 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs

TSAL5300 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSAL5300 Datasheet PDF - Vishay Siliconix

Part # TSAL5300
Download  TSAL5300 Click to download

File Size   291.85 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs

TSAL5300 Datasheet (HTML) - Vishay Siliconix


TSAL5300 Product details

DESCRIPTION

TSAL5300 is an infrared, 940 nm emitting diode in GaAlAs/GaAs technology with high radiant power molded in a blue-gray plastic package.



FEATURES

• Package type: leaded

• Package form: T-1¾

• Dimensions (in mm): ∅ 5

• Leads with stand-off

• Peak wavelength: λp = 940 nm

• High reliability

• High radiant power

• High radiant intensity

• Angle of half intensity: ϕ = ± 22°

• Low forward voltage

• Suitable for high pulse current operation

• Good spectral matching with Si photodetectors

• Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC

• Halogen-free according to IEC 61249-2-21 definition



APPLICATIONS

• Infrared remote control units with high power requirements

• Free air transmission systems

• Infrared source for optical counters and card readers



 




Similar Part No. - TSAL5300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL5300 VISHAY-TSAL5300 Datasheet
214Kb / 6P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
04-Sep-08
TSAL5300 VISHAY-TSAL5300 Datasheet
216Kb / 6P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
29-Jun-09
TSAL5300 VISHAY-TSAL5300 Datasheet
216Kb / 6P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
29-Jun-09
TSAL5300 VISHAY-TSAL5300 Datasheet
196Kb / 6P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
24-Aug-11
TSAL5300-MSZ VISHAY-TSAL5300-MSZ Datasheet
214Kb / 6P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
04-Sep-08
More results


Similar Description - TSAL5300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL5100 VISHAY-TSAL5100 Datasheet
141Kb / 6P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
08-Mar-05
TSML1000 VISHAY-TSML1000 Datasheet
353Kb / 10P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
08-Mar-05
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
TSML3710-GS08 VISHAY-TSML3710-GS08 Datasheet
135Kb / 8P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
21-Feb-07
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
24-Aug-11
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
08-Mar-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
19-Jan-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com