Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSAL5300 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSAL5300
Description  High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL5300 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSAL5300 Datasheet HTML 1Page - Vishay Siliconix TSAL5300 Datasheet HTML 2Page - Vishay Siliconix TSAL5300 Datasheet HTML 3Page - Vishay Siliconix TSAL5300 Datasheet HTML 4Page - Vishay Siliconix TSAL5300 Datasheet HTML 5Page - Vishay Siliconix TSAL5300 Datasheet HTML 6Page - Vishay Siliconix TSAL5300 Datasheet HTML 7Page - Vishay Siliconix TSAL5300 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 81008
Rev. 1.7, 08-Mar-05
VISHAY
TSAL5300
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Optical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward Voltage
IF = 100 mA, tp = 20 ms
VF
1.35
1.6
V
IF = 1 A, tp = 100 µsVF
2.6
3
V
Temp. Coefficient of VF
IF = 100 mA
TKVF
- 1.875
mV/K
Reverse Current
VR = 5 V
IR
10
µA
Junction capacitance
VR = 0, f = 1 MHz, E = 0
Cj
25
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Radiant Intensity
IF = 100 mA, tp = 20 ms
Ie
30
45
150
mW/sr
IF = 1 A, tp = 100 µsIe
260
350
mW/sr
Radiant Power
IF = 100 mA, tp = 20 ms
φe
35
mW
Temp. Coefficient of
φe
IF = 20 mA
TK
φe
- 0.6
%/K
Angle of Half Intensity
ϕ
± 22
deg
Peak Wavelength
IF = 100 mA
λp
940
nm
Spectral Bandwidth
IF = 100 mA
∆λ
50
nm
Temp. Coefficient of
λp
IF = 100 mA
TK
λp
0.2
nm/K
Rise Time
IF = 100 mA
tr
800
ns
IF = 1 A
tr
500
ns
Fall Time
IF = 100 mA
tf
800
ns
IF = 1 A
tf
500
ns
Virtual Source Diameter
method: 63 % encircled energy
∅
2.3
mm
Figure 1. Power Dissipation vs. Ambient Temperature
0
50
100
150
200
250
Tamb- Ambient Temperature (
°C)
94 7957
RthJA
20
40
60
80
100
0
Figure 2. Forward Current vs. Ambient Temperature
0
20406080
0
50
100
150
200
250
Tamb– Ambient Temperature ( °C )
100
96 11986
RthJA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com