Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSAL6200 Datasheet (PDF) - Vishay Siliconix

TSAL6200 Datasheet PDF - Vishay Siliconix
Part # TSAL6200
Download  TSAL6200 Download
File Size   82.71 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package

TSAL6200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSAL6200 Datasheet PDF - Vishay Siliconix

Part # TSAL6200
Download  TSAL6200 Click to download

File Size   82.71 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package

TSAL6200 Datasheet (HTML) - Vishay Siliconix


TSAL6200 Product details

DESCRIPTION
TSAL6200 is an infrared, 940 nm emitting diode in GaAlAs multi quantum well (MQW) technology with high radiant power and high speed molded in a blue-gray plastic package.

FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Peak wavelength: λp = 940 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 17°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Infrared remote control units with high power requirements
• Free air transmission systems
• Infrared source for optical counters and card readers




Similar Part No. - TSAL6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL6200 VISHAY-TSAL6200 Datasheet
111Kb / 5P
High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
04-Sep-08
TSAL6200 VISHAY-TSAL6200 Datasheet
103Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
22-Jun-09
TSAL6200 VISHAY-TSAL6200 Datasheet
110Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
TSAL6200 VISHAY-TSAL6200 Datasheet
108Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
TSAL6200 VISHAY-TSAL6200 Datasheet
108Kb / 5P
High Power Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Mar-14
More results


Similar Description - TSAL6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL4400 VISHAY-TSAL4400 Datasheet
81Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
20-May-99
TSAL6100 VISHAY-TSAL6100 Datasheet
82Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL6400 VISHAY-TSAL6400 Datasheet
76Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7200 VISHAY-TSAL7200 Datasheet
82Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7600 VISHAY-TSAL7600 Datasheet
80Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSFF5200 VISHAY-TSFF5200 Datasheet
87Kb / 6P
High Speed IR Emitting Diode in ø5 mm (T–13/4) Package
29-Jun-99
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
02-Aug-99
logo
TEMIC Semiconductors
TSIL6400 TEMIC-TSIL6400 Datasheet
111Kb / 5P
GaAs/GaAlAs IR Emitting Diodes in 첩 5 mm Package
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com