Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSFF5200 Datasheet (PDF) - Vishay Siliconix

TSFF5200 Datasheet PDF - Vishay Siliconix
Part # TSFF5200
Download  TSFF5200 Download
File Size   87.1 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed IR Emitting Diode in ø5 mm (T–13/4) Package

TSFF5200 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSFF5200 Datasheet PDF - Vishay Siliconix

Part # TSFF5200
Download  TSFF5200 Click to download

File Size   87.1 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed IR Emitting Diode in ø5 mm (T–13/4) Package

TSFF5200 Datasheet (HTML) - Vishay Siliconix


TSFF5200 Product details

DESCRIPTION
TSFF5210 is an infrared, 870 nm emitting diode in GaAlAs double hetero (DH) technology with high radiant power and high speed, molded in a clear, untinted plastic package.

FEATURES
• Package type: leaded
• Package form: T-1 3/4
• Dimensions (in mm): Ø 5
• Leads with stand-off
• Peak wavelength:  λp  = 870 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 10°
• Low forward voltage
• Suitable for high pulse current operation
• High modulation bandwidth: fc = 24 MHz
• Good spectral matching with Si photodetectors
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

APPLICATIONS
• Infrared video data transmission between camcorder and TV set
• Free air data transmission systems with high modulation frequencies or high data transmission rate requirements
• Smoke-automatic fire detectors




Similar Part No. - TSFF5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 6P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
28-Nov-06
TSFF5210 VISHAY-TSFF5210 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
04-Aug-08
TSFF5210 VISHAY-TSFF5210 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
29-Jun-09
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
24-Aug-11
TSFF5210 VISHAY-TSFF5210 Datasheet
112Kb / 5P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
24-Aug-11
More results


Similar Description - TSFF5200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL6100 VISHAY-TSAL6100 Datasheet
82Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL6200 VISHAY-TSAL6200 Datasheet
82Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL6400 VISHAY-TSAL6400 Datasheet
76Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7200 VISHAY-TSAL7200 Datasheet
82Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7600 VISHAY-TSAL7600 Datasheet
80Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSFF5400 VISHAY-TSFF5400 Datasheet
86Kb / 6P
High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
29-Jun-99
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
02-Aug-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
20-May-99
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com