Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT8N60 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT8N60 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT8N60
Download  AOT8N60 Download
File Size   183.0 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V, 8A N-Channel MOSFET

AOT8N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT8N60 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT8N60
Download  AOT8N60 Click to download

File Size   183.0 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V, 8A N-Channel MOSFET

AOT8N60 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOT8N60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOT8N60 VBSEMI-AOT8N60 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
AOT8N60 ISC-AOT8N60 Datasheet
306Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT8N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N60 UTC-8N60_11 Datasheet
229Kb / 8P
8A, 600V N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NGTB05N60R2DT4G ONSEMI-NGTB05N60R2DT4G Datasheet
527Kb / 7P
IGBT 600V, 8A, N-Channel
January 2015 - Rev. 2
logo
MagnaChip Semiconductor...
MDF8N60 MGCHIP-MDF8N60 Datasheet
751Kb / 6P
N-Channel MOSFET 600V, 8A, 1.0(ohm)
MDF8N60B MGCHIP-MDF8N60B Datasheet
840Kb / 6P
N-Channel MOSFET 600V, 8A, 1.05(ohm)
MDP8N60 MGCHIP-MDP8N60 Datasheet
997Kb / 6P
N-Channel MOSFET 600V, 8A, 1.0(ohm)
logo
E-CMOS Corporation
EC7408N60 E-CMOS-EC7408N60 Datasheet
339Kb / 5P
600V, 8A N-Channel Power MOSFET
logo
KIA Semiconductor Techn...
KNX4760A KIA-KNX4760A Datasheet
341Kb / 7P
8A 600V N-CHANNEL MOSFET
logo
Renesas Technology Corp
N6008NZ RENESAS-N6008NZ Datasheet
260Kb / 8P
N-channel MOSFET 600V, 8A, 0.75Ω
Feb 18, 2013
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com