Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF8N60B Datasheet (PDF) - MagnaChip Semiconductor.

MDF8N60B Datasheet PDF - MagnaChip Semiconductor.
Part # MDF8N60B
Download  MDF8N60B Download
File Size   840.66 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 600V, 8A, 1.05(ohm)

MDF8N60B Datasheet (PDF)

Go To PDF Page Download Datasheet
MDF8N60B Datasheet PDF - MagnaChip Semiconductor.

Part # MDF8N60B
Download  MDF8N60B Click to download

File Size   840.66 Kbytes
Page   6 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description N-Channel MOSFET 600V, 8A, 1.05(ohm)

MDF8N60B Datasheet (HTML) - MagnaChip Semiconductor.




Similar Part No. - MDF8N60B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF8N60BTH ISC-MDF8N60BTH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - MDF8N60B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT8N60 AOSMD-AOT8N60 Datasheet
183Kb / 6P
600V, 8A N-Channel MOSFET
logo
Unisonic Technologies
8N60 UTC-8N60_11 Datasheet
229Kb / 8P
8A, 600V N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NGTB05N60R2DT4G ONSEMI-NGTB05N60R2DT4G Datasheet
527Kb / 7P
IGBT 600V, 8A, N-Channel
January 2015 - Rev. 2
logo
MagnaChip Semiconductor...
MDF8N60 MGCHIP-MDF8N60 Datasheet
751Kb / 6P
N-Channel MOSFET 600V, 8A, 1.0(ohm)
MDP8N60 MGCHIP-MDP8N60 Datasheet
997Kb / 6P
N-Channel MOSFET 600V, 8A, 1.0(ohm)
logo
E-CMOS Corporation
EC7408N60 E-CMOS-EC7408N60 Datasheet
339Kb / 5P
600V, 8A N-Channel Power MOSFET
logo
KIA Semiconductor Techn...
KNX4760A KIA-KNX4760A Datasheet
341Kb / 7P
8A 600V N-CHANNEL MOSFET
logo
Renesas Technology Corp
N6008NZ RENESAS-N6008NZ Datasheet
260Kb / 8P
N-channel MOSFET 600V, 8A, 0.75Ω
Feb 18, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com