Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACA2420 Datasheet (PDF) - ANADIGICS, Inc

ACA2420 Datasheet PDF - ANADIGICS, Inc
Part # ACA2420
Download  ACA2420 Download
File Size   540.5 Kbytes
Page   10 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 24V, 1000 MHz, 21.5dB Gain High Output Power Doubler Line Amplifier

ACA2420 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACA2420 Datasheet PDF - ANADIGICS, Inc

Part # ACA2420
Download  ACA2420 Click to download

File Size   540.5 Kbytes
Page   10 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 24V, 1000 MHz, 21.5dB Gain High Output Power Doubler Line Amplifier

ACA2420 Datasheet (HTML) - ANADIGICS, Inc


ACA2420 Product details

PRODUCT DESCRIPTION

The ACA2420 is a highly linear, monolithic GaAs RF amplifier that has been developed to replace, in new designs, standard CATV hybrid amplifiers. Offered in a convenient surface mount package, the MMIC consists of two pairs of parallel amplifiers that  are optimized for exceptionally low distortion. A hybrid equivalent that provides flat

gain response and excellent input and output return loss over the 40 to 1000 MHz CATV downstream band is formed when one ACA2420 is cascaded between two appropriate transmission line baluns.



FEATURES

•  21.5 dB Gain

•  75 V input and output match

•   Characterized at +58dBmV output power

•  Superior gain flatness (+ 0.2dB)

•  Very Low Distortion

•  Stable with High VSWR Load Conditions

•  Monolithic GaAs Design for Consistent Performance Part-to-Part

•  Surface Mount Package Compatible with Automatic Assembly

•  RoHS Compliant Package



APPLICATIONS

•  CATV Line Amplifiers, Deep Fiber Nodes




Similar Part No. - ACA2420

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2420 SKYWORKS-ACA2420 Datasheet
561Kb / 12P
24 V, 1000 MHz, 21.5 dB Gain High Output Power Doubler Line Amplifier
ACA2420RS7P2 SKYWORKS-ACA2420RS7P2 Datasheet
561Kb / 12P
24 V, 1000 MHz, 21.5 dB Gain High Output Power Doubler Line Amplifier
More results


Similar Description - ACA2420

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
ANADIGICS, Inc
ACA2404 ANADIGICS-ACA2404 Datasheet
272Kb / 12P
High Output Power Doubler Line Amplifier
Rev. 0.0
logo
NEC
MC-7842 NEC-MC-7842 Datasheet
29Kb / 2P
HIGH GAIN CATV POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7842 CEL-MC-7842 Datasheet
31Kb / 2P
HIGH GAIN CATV POWER DOUBLER AMPLIFIER
logo
NXP Semiconductors
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
BGD904 NXP-BGD904 Datasheet
330Kb / 11P
860 MHz, 20 dB gain power doubler amplifier
2001 Nov 01
BGD814 NXP-BGD814_01 Datasheet
78Kb / 12P
860 MHz, 20 dB gain power doubler amplifier
2001 Nov 01
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407_11 Datasheet
807Kb / 13P
750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
750/870/1000 MHz CATV Power Doubler Line Amplifier
ACA2420 SKYWORKS-ACA2420 Datasheet
561Kb / 12P
24 V, 1000 MHz, 21.5 dB Gain High Output Power Doubler Line Amplifier
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com