Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACA2404 Datasheet (PDF) - ANADIGICS, Inc

ACA2404 Datasheet PDF - ANADIGICS, Inc
Part # ACA2404
Download  ACA2404 Download
File Size   272.23 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description High Output Power Doubler Line Amplifier

ACA2404 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACA2404 Datasheet PDF - ANADIGICS, Inc

Part # ACA2404
Download  ACA2404 Click to download

File Size   272.23 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description High Output Power Doubler Line Amplifier

ACA2404 Datasheet (HTML) - ANADIGICS, Inc


ACA2404 Product details

PRODUCT DESCRIPTION
The ACA2404 is a highly linear, high output power, monolithic GaAs RF amplifier that has been developed to replace standard CATV hybrid amplifiers, in new designs. Offered in a convenient surface mount package, the MMIC consists of two pairs of parallel amplifiers that are optimized for exceptionally low distortion and noise figure. A hybrid equivalent that provides flat gain response and excellent input and output return loss over the 40 to 870 MHz CATV downstream band is formed when one ACA2404 is cascaded between two appropriate transmission line baluns.

FEATURES
• 21.5 dB Gain
• Characterized at +58 dBmV Output
• Very Low Distortion
• Excellent 75 Ω Input and Output Match
• Stable with High VSWR Load Conditions
• Monolithic Design for Consistent Performance Part-to-Part
• Surface Mount Package Compatible with Automatic Assembly
• Low Cost Alternative to Hybrids
• Meets Cenelec Standards

APPLICATIONS
• CATV Line Amplifiers, System Amplifiers, Distribution Nodes




Similar Part No. - ACA2404

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.0
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
Rev 3
ACA2401S7P0 ANADIGICS-ACA2401S7P0 Datasheet
242Kb / 16P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.0
ACA2401S7TR ANADIGICS-ACA2401S7TR Datasheet
242Kb / 16P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.0
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
750/870 MHz CATV Push-Pull Line Amplifier
Rev 1.2
More results


Similar Description - ACA2404

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
199Kb / 12P
Power Doubler Line Amplifier
Rev. 2.0
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.0
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.1
ACA2420 ANADIGICS-ACA2420 Datasheet
540Kb / 10P
24V, 1000 MHz, 21.5dB Gain High Output Power Doubler Line Amplifier
07/2008
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
ACA2420 SKYWORKS-ACA2420 Datasheet
561Kb / 12P
24 V, 1000 MHz, 21.5 dB Gain High Output Power Doubler Line Amplifier
ACA2429 SKYWORKS-ACA2429 Datasheet
680Kb / 11P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA2431 SKYWORKS-ACA2431 Datasheet
1Mb / 11P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
ACA4788 SKYWORKS-ACA4788 Datasheet
206Kb / 2P
1218 MHz High-Output GaN CATV Power-Doubler Amplifier
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com