Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACA2407 Datasheet (PDF) - ANADIGICS, Inc

ACA2407 Datasheet PDF - ANADIGICS, Inc
Part # ACA2407
Download  ACA2407 Download
File Size   199.1 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Power Doubler Line Amplifier

ACA2407 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACA2407 Datasheet PDF - ANADIGICS, Inc

Part # ACA2407
Download  ACA2407 Click to download

File Size   199.1 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Power Doubler Line Amplifier

ACA2407 Datasheet (HTML) - ANADIGICS, Inc


ACA2407 Product details

PRODUCT DESCRIPTION
The ACA2407 is a highly linear, monolithic GaAs RF amplifier that has been developed to replace, in new designs, standard CATV hybrid amplifiers. Offered in a convenient surface mount package, the MMIC consists of two pairs of parallel amplifiers that are optimized for exceptionally low distortion and noise figure. A hybrid equivalent that provides flat gain response and excellent input and output return loss over the 40 to 1000 MHz CATV downstream band is formed when one ACA2407 is cascaded between two appropriate transmission line baluns.

FEATURES
• 1 GHz Specified Performance
• 21.5 dB Gain
• Very Low Distortion
• Excellent 75 Ω Input and Output Match
• Stable with High VSWR Load Conditions
• Monolithic Design for Consistent Performance Part-to-Part
• Low DC Power Consumption
• Surface Mount Package Compatible with Automatic Assembly
• Low Cost Alternative to Hybrids
• Meets Cenelec Standards
• Materials set consistent with RoHS Directives.

APPLICATIONS
• CATV Line Amplifiers, System Amplifiers, Distribution Nodes




Similar Part No. - ACA2407

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2407 ANADIGICS-ACA2407 Datasheet
807Kb / 13P
750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.1
ACA2407E ANADIGICS-ACA2407E Datasheet
346Kb / 11P
750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
More results


Similar Description - ACA2407

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2404 ANADIGICS-ACA2404 Datasheet
272Kb / 12P
High Output Power Doubler Line Amplifier
Rev. 0.0
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.0
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
Rev 2.1
ACA2407 ANADIGICS-ACA2407_11 Datasheet
807Kb / 13P
750/870/1000 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
750/870 MHz CATV Power Doubler Line Amplifier
logo
M/A-COM Technology Solu...
XX1001-BD MA-COM-XX1001-BD Datasheet
774Kb / 7P
Doubler and Power Amplifier
XX1001-QK MA-COM-XX1001-QK Datasheet
690Kb / 7P
Doubler and Power Amplifier
XX1001-QK MA-COM-XX1001-QK_15 Datasheet
690Kb / 7P
Doubler and Power Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
750/870 MHz CATV Power Doubler Line Amplifier
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
750/870/1000 MHz CATV Power Doubler Line Amplifier
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com