Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3407-4 Datasheet (PDF) - Linear Technology

LTC3407-4 Datasheet PDF - Linear Technology
Part # LTC3407-4
Download  LTC3407-4 Download
File Size   244.59 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator

LTC3407-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3407-4 Datasheet PDF - Linear Technology

Part # LTC3407-4
Download  LTC3407-4 Click to download

File Size   244.59 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator

LTC3407-4 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3407-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3407-4 AD-LTC3407-4 Datasheet
268Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
34074fa
logo
Linear Technology
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Similar Description - LTC3407-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com