Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3407-4 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3407-4
Description  Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407-4 Datasheet(HTML) 2 Page - Linear Technology

  LTC3407-4 Datasheet HTML 1Page - Linear Technology LTC3407-4 Datasheet HTML 2Page - Linear Technology LTC3407-4 Datasheet HTML 3Page - Linear Technology LTC3407-4 Datasheet HTML 4Page - Linear Technology LTC3407-4 Datasheet HTML 5Page - Linear Technology LTC3407-4 Datasheet HTML 6Page - Linear Technology LTC3407-4 Datasheet HTML 7Page - Linear Technology LTC3407-4 Datasheet HTML 8Page - Linear Technology LTC3407-4 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3407-4
2
34074f
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
11
9
6
7
8
4
5
3
2
1
VFB2
RUN2
POR
SW2
MODE/
SYNC
VFB1
RUN1
VIN
SW1
GND
VIN Voltages.................................................– 0.3V to 6V
VFB1, VFB2 Voltages......................... – 0.3V to VIN + 0.3V
RUN1, RUN2 Voltages ................................ –0.3V to VIN
MODE/SYNC Voltage .................................. – 0.3V to VIN
SW1, SW2 Voltage ......................... – 0.3V to VIN + 0.3V
POR Voltage ................................................– 0.3V to 6V
ABSOLUTE
AXI U
RATI GS (Note 1)
Ambient Operating Temperature
Range (Note 2) ....................................... – 40
°C to 85°C
Junction Temperature (Note 5) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)
LTC3407-4EMSE only ...................................... 300
°C
Reflow Peak Body Temperature ............................ 260
°C
ORDER PART NUMBER
DD PART MARKING
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS PGND, MUST BE CONNECTED TO GND
LCJD
LTC3407EDD-4
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
MSE PART MARKING
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS PGND, MUST BE CONNECTED TO GND
LTC3407EMSE-4
TOP VIEW
1
2
3
4
5
VFB1
RUN1
VIN
SW1
GND
10
9
8
7
6
VFB2
RUN2
POR
SW2
MODE/
SYNC
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
ORDER PART NUMBER
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
●
2.5
5.5
V
IFB
Feedback Pin Input Current
●
30
nA
VFB
Feedback Voltage (Note 3)
0
°C ≤ TA ≤ 85°C
0.588
0.6
0.612
V
–40
°C ≤ TA ≤ 85°C
●
0.585
0.6
0.612
V
∆VLINE REG
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 3)
0.3
0.5
%/V
∆VLOAD REG
Output Voltage Load Regulation
(Note 3)
0.5
%
IS
Input DC Supply Current (Note 4)
Active Mode
VFB1 = VFB2 = 0.5V
700
950
µA
Sleep Mode
VFB1 = VFB2 = 0.63V, MODE/SYNC = 3.6V
40
60
µA
Shutdown
RUN = 0V, VIN = 5.5V, MODE/SYNC = 0V
0.1
1
µA
fOSC
Oscillator Frequency
VFBX = 0.6V
●
1.8
2.25
2.7
MHz
fSYNC
Synchronization Frequency
2.25
MHz
ILIM
Peak Switch Current Limit
VIN = 3V, VFBX = 0.5V, Duty Cycle <35%
0.95
1.2
1.6
A
RDS(ON)
Top Switch On-Resistance
(Note 6)
0.35
0.45
Ω
Bottom Switch On-Resistance
(Note 6)
0.30
0.45
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VRUN = 0V, VFBX = 0V
0.01
1
µA
LTCJC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com