Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3407A Datasheet (PDF) - Linear Technology

LTC3407A Datasheet PDF - Linear Technology
Part # LTC3407A
Download  LTC3407A Download
File Size   282.86 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator

LTC3407A Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3407A Datasheet PDF - Linear Technology

Part # LTC3407A
Download  LTC3407A Click to download

File Size   282.86 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator

LTC3407A Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3407A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407A LINER-LTC3407A Datasheet
534Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407AB LINER-LTC3407AB Datasheet
534Kb / 22P
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3407AEDD-2 LINER-LTC3407AEDD-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
More results


Similar Description - LTC3407A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Regulator
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
1.5MHz, 600mA Synchronous Step-Down Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com