Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet (PDF) - ams AG

AS1324 Datasheet PDF - ams AG
Part # AS1324
Download  AS1324 Download
File Size   910.05 Kbytes
Page   20 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.5MHz, 600mA, DC/DC Step-Down Regulator

AS1324 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1324 Datasheet PDF - ams AG

Part # AS1324
Download  AS1324 Click to download

File Size   910.05 Kbytes
Page   20 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.5MHz, 600mA, DC/DC Step-Down Regulator

AS1324 Datasheet (HTML) - ams AG


AS1324 Product details

General Description

The AS1324 is a high-efficiency, constant-frequency synchronous buck converter available in adjustable- and fixed-voltage versions. The wide input voltage range (2.7V to 5.5V), automatic powersave mode and minimal external component requirements make the AS1324 perfect for any single Li-Ion battery-powered application.

Typical supply current with no load is 30µA and decreases to ≤1µA in shutdown mode.



Key Features

 High Efficiency: Up to 96%

 Output Current: 600mA

 Input Voltage Range: 2.7V to 5.5V

 Constant Frequency Operation: 1.5MHz

 Variable- and Fixed-Output Voltages

 No Schottky Diode Required

 Automatic Powersave Operation

 Low Quiescent Current: 30µA

 Internal Reference: 0.6V

 Shutdown Mode Supply Current: ≤1µA

 Thermal Protection

 5-pin TSOT-23 Package



Applications

The device is ideal for mobile communication devices, laptops and PDAs, ultra-low-power systems, threshold detectors/discriminators, telemetry and remote systems, medical instruments, or any other space-limited application with low power-consumption requirements.




Similar Part No. - AS1324

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
1Mb / 21P
1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1324-BTTT-12 AMSCO-AS1324-BTTT-12 Datasheet
1Mb / 21P
1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1324-BTTT-15 AMSCO-AS1324-BTTT-15 Datasheet
1Mb / 21P
1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1324-BTTT-18 AMSCO-AS1324-BTTT-18 Datasheet
1Mb / 21P
1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1324-BTTT-AD AMSCO-AS1324-BTTT-AD Datasheet
1Mb / 21P
1.5MHz, 600mA Synchronous DC/DC Conver ter
More results


Similar Description - AS1324

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Linear Technology
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
1.5MHz, 600mA Synchronous Step-Down Regulator
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com