Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet (PDF) - ams AG

AS1324 Datasheet PDF - ams AG
Part # AS1324
Download  AS1324 Download
File Size   1041.72 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.5MHz, 600mA Synchronous DC/DC Conver ter

AS1324 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1324 Datasheet PDF - ams AG

Part # AS1324
Download  AS1324 Click to download

File Size   1041.72 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.5MHz, 600mA Synchronous DC/DC Conver ter

AS1324 Datasheet (HTML) - ams AG




Similar Part No. - AS1324

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
AS1324-12 AMSCO-AS1324-12 Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
AS1324-15 AMSCO-AS1324-15 Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
AS1324-18 AMSCO-AS1324-18 Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
AS1324-AD AMSCO-AS1324-AD Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
More results


Similar Description - AS1324

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
ams AG
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
logo
Leshan Radio Company
LR8506 LRC-LR8506 Datasheet
472Kb / 10P
1.5MHz 600mA Synchronous
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com