Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 8 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 8 Page - ams AG

Back Button AS1324 Datasheet HTML 4Page - ams AG AS1324 Datasheet HTML 5Page - ams AG AS1324 Datasheet HTML 6Page - ams AG AS1324 Datasheet HTML 7Page - ams AG AS1324 Datasheet HTML 8Page - ams AG AS1324 Datasheet HTML 9Page - ams AG AS1324 Datasheet HTML 10Page - ams AG AS1324 Datasheet HTML 11Page - ams AG AS1324 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
8 - 21
AS1324
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1324 is a high-efficiency buck converter that uses a constant-frequency current-mode architecture. The device contains two internal
MOSFET switches and is available in adjustable- and fixed-output voltage versions.
Figure 21. AS1324 - Block Diagram
AS1324
OSC
Frequency
Shift
0.6V
Reference
+
–
Error
Amp
Shutdown
Ramp
Compensator
R2
0.6V
FB
OSCN
Digital
Logic
0.6V +
∆VOVL
0.6V -
∆VOVL
–
OVDET
+
–
+
–
ICOMP
+
–
IRCMP
+
Anti-
Shoot
Through
Not applicable to AS1324
AS1324-12: R1 + R2 = 600k
Ω
AS1324-15: R1 + R2 = 750k
Ω
AS1324-18: R1 + R2 = 900k
Ω
R1
PMOS
1
EN
5
VOUT/VFB
4
VIN
3
SW
2
GND
NMOS
COUT
10µF
VOUT
4.7µH
CIN
10µF
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com