Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 11 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 11 Page - ams AG

Back Button AS1324 Datasheet HTML 7Page - ams AG AS1324 Datasheet HTML 8Page - ams AG AS1324 Datasheet HTML 9Page - ams AG AS1324 Datasheet HTML 10Page - ams AG AS1324 Datasheet HTML 11Page - ams AG AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
11 - 21
AS1324
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 25. Single Li-Ion 1.8V/600mA Regulator for Low Output Ripple
9.1 External Component Selection
9.2 Inductor Selection
For most applications the value of the external inductor should be in the range of 2.2 to 6.8µH as the inductor value has a direct effect on the
ripple current. The selected inductor must be rated for its DC resistance and saturation current. The inductor ripple current (
∆IL) decreases with
higher inductance and increases with higher VIN or VOUT.
In Equation (EQ 2) the maximum inductor current in PWM mode under static load conditions is calculated. The saturation current of the inductor
should be rated higher than the maximum inductor current as calculated with Equation (EQ 3). This is recommended because the inductor
current will rise above the calculated value during heavy load transients.
Where:
f = Switching Frequency (1.5 MHz typical)
L = Inductor Value
ILmax = Maximum Inductor current
∆IL = Peak to Peak inductor ripple current
The recommended starting point for setting ripple current is
∆IL = 240mA (40% of 600mA).
The DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to prevent core saturation.
Thus, a 720mA rated inductor should be sufficient for most applications (600mA + 120mA). A easy and fast approach is to select the inductor
current rating fitting to the maximum switch current limit of the converter.
Note:
For highest efficiency, a low DC-resistance inductor is recommended.
Accepting larger values of ripple current allows the use of low inductance values, but results in higher output voltage ripple, greater core losses,
and lower output current capability.
The total losses of the coil have a strong impact on the efficiency of the dc/dc conversion and consist of both the losses in the dc resistance and
the following frequency-dependent components:
1. The losses in the core material (magnetic hysteresis loss, especially at high switching frequencies)
2. Additional losses in the conductor from the skin effect (current displacement at high frequencies)
3. Magnetic field losses of the neighboring windings (proximity effect)
4. Radiation losses
COUT
22µF
CIN
10µF
VOUT
1.8V
600mA
4.7µH
VIN
2.7 to 4.2V
AS1324-18
3
SW
4
VIN
1
EN
5
VOUT
GND
2
(EQ 2)
∆I
L
V
OUT
1
V
OUT
V
IN
--------------
–
L
f
×
------------------------
×
=
(EQ 3)
I
LMAX
I
OUT MAX
∆I
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com