Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 20 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 20 Page - ams AG

Back Button AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG AS1324 Datasheet HTML 16Page - ams AG AS1324 Datasheet HTML 17Page - ams AG AS1324 Datasheet HTML 18Page - ams AG AS1324 Datasheet HTML 19Page - ams AG AS1324 Datasheet HTML 20Page - ams AG AS1324 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
20 - 21
AS1324
Datasheet
11 Ordering Information
The device is available as the following standard versions.
Note:
All products are RoHS compliant.
Buy our products or get free samples online at ICdirect: http://www.ams.com/ICdirect
Technical Support is found at http://www.ams.com/Technical-Support
For further information and requests, please contact us mailto:sales@ams.com
or find your local distributor at http://www.ams.com/distributor
ams
Table 7. Ordering Information
Ordering Code
Marking
Output
Description
Delivery Form
Package
AS1324-BTTT-AD
ASKR
adjustable
1.5MHz, 600mA Synchronous DC/DC
Converter
Tape and Reel
5-pin TSOT-23
AS1324-BTTT-12
ASKT
1.2V
1.5MHz, 600mA Synchronous DC/DC
Converter
Tape and Reel
5-pin TSOT-23
AS1324-BTTT-15
ASKU
1.5V
1.5MHz, 600mA Synchronous DC/DC
Converter
Tape and Reel
5-pin TSOT-23
AS1324-BTTT-18
ASKS
1.8V
1.5MHz, 600mA Synchronous DC/DC
Converter
Tape and Reel
5-pin TSOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com