Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 4 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 4 Page - ams AG

  AS1324 Datasheet HTML 1Page - ams AG AS1324 Datasheet HTML 2Page - ams AG AS1324 Datasheet HTML 3Page - ams AG AS1324 Datasheet HTML 4Page - ams AG AS1324 Datasheet HTML 5Page - ams AG AS1324 Datasheet HTML 6Page - ams AG AS1324 Datasheet HTML 7Page - ams AG AS1324 Datasheet HTML 8Page - ams AG AS1324 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
4 - 21
AS1324
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VIN = EN = 3.6V, VOUT < VIN - 0.5V, TAMB = -40 to +85°C, typ. values @ TAMB = +25ºC (unless otherwise specified).
Note:
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage Range
2.7
5.5
V
IQ
Quiescent Current
Powersave Mode; VFB = 0.62V or VOUT = 103%,
IOUT = 0mA, TAMB = +25ºC
30
35
µA
ISHDN
Shutdown Current
Shutdown Mode; VEN = 0V, TAMB = +25ºC
0.1
1
Regulation
VFB
Regulated Feedback Voltage
1
1. The device is tested in a proprietary test mode where VFB is connected to the output of the error amplifier.
AS1324, IOUT = 100mA
0.585
0.6
0.615
V
∆VFB
Reference Voltage
Line Regulation
VIN = 2.7V to 5.5V
0.1
1
%/V
IVFB
Feedback Current
TAMB = +25ºC
-30
30
nA
VOUT
Regulated Output Voltage
AS1324-AD, IOUT = 100mA
2
2. Please see Feedback Resistor Selection on page 13 for resistor values.
VFB
V
AS1324-12, IOUT = 100mA
1.164
1.20
1.236
AS1324-15, IOUT = 100mA
1.455
1.50
1.545
AS1324-18, IOUT = 100mA
1.746
1.80
1.854
∆VOUT
Output Voltage
Line Regulation
VIN = 2.7 to 5.5V
0.1
1
%/V
VLOADREG
Output Voltage
Load Regulation
IOUT = 0 to 100mA
0.02
%/mA
DC-DC Switches
IPK
Peak Inductor Current
VIN = 3V, VFB = 0.5V or VOUT = 90%, TAMB =
25ºC
0.5
0.75
1
A
RPFET
P-Channel FET RDS(ON)
ILSW = 100mA
0.4
Ω
RNFET
N-Channel FET RDS(ON)
ILSW = -100mA
0.35
Ω
ILSW
SW Leakage
VEN = 0V, VSW = 0V or 5V
±0.01
±1
µA
Control Inputs
VEN
EN Threshold
0.3
1
1.5
V
IEN
EN Leakage Current
±0.01
±1
µA
Oscillator
fOSC
Oscillator Frequency
VFB = 0.6V or VOUT = 100%
1.2
1.5
1.8
MHz
VFB = 0V or VOUT = 0V, TAMB = 25ºC
115
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com