Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 1 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 1 Page - ams AG

  AS1324 Datasheet HTML 1Page - ams AG AS1324 Datasheet HTML 2Page - ams AG AS1324 Datasheet HTML 3Page - ams AG AS1324 Datasheet HTML 4Page - ams AG AS1324 Datasheet HTML 5Page - ams AG AS1324 Datasheet HTML 6Page - ams AG AS1324 Datasheet HTML 7Page - ams AG AS1324 Datasheet HTML 8Page - ams AG AS1324 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
1 - 21
A S 1 3 2 4
1 . 5 M H z , 6 0 0 m A S y n c h r o n o u s D C / D C C o n v e r t e r
1 General Description
The AS1324 is a high-efficiency, constant-frequency synchronous
buck converter available in adjustable- and fixed-voltage versions.
The wide input voltage range (2.7V to 5.5V), automatic powersave
mode and minimal external component requirements make the
AS1324 perfect for any single Li-Ion battery-powered application.
Typical supply current with no load is 30µA and decreases to
≤1µA
in shutdown mode.
The AS1324 is available as the standard versions listed in Table 1.
An internal synchronous switch increases efficiency and eliminates
the need for an external Schottky diode. The internally fixed
switching frequency (1.5MHz) allows for the use of small surface
mount external components.
Very low output voltages can be delivered with the internal 0.6V
feedback reference voltage.
The AS1324 is available in a 5-pin TSOT-23 package.
Figure 1. Typical Application Diagram – High Efficiency Step
Down Converter
2 Key Features
High Efficiency: Up to 96%
Output Current: 600mA
Input Voltage Range: 2.7V to 5.5V
Constant Frequency Operation: 1.5MHz
Variable- and Fixed-Output Voltages
No Schottky Diode Required
Automatic Powersave Operation
Low Quiescent Current: 30µA
Internal Reference: 0.6V
Shutdown Mode Supply Current:
≤1µA
Thermal Protection
5-pin TSOT-23 Package
3 Applications
The device is ideal for mobile communication devices, laptops and
PDAs, ultra-low-power systems, threshold detectors/discriminators,
telemetry and remote systems, medical instruments, or any other
space-limited application with low power-consumption requirements.
Table 1. Standard Versions
Model
Output Voltage
AS1324-AD
Adjustable via External Resistors
AS1324-12
Fixed: 1.2V
AS1324-15
Fixed: 1.5V
AS1324-18
Fixed: 1.8V
AS1324-18
COUT
10µF
CIN
10µF
GND
2
VIN = 2.7V to 5.5V
VOUT = 1.8V, 600mA
4.7µH
1
EN
5
VOUT
4
VIN
3
SW
5 VOUT
AS1324-18
4 VIN
2
GND
3
SW
1
EN


Similar Part No. - AS1324

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
AS1324-12 AMSCO-AS1324-12 Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
AS1324-15 AMSCO-AS1324-15 Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
AS1324-18 AMSCO-AS1324-18 Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
AS1324-AD AMSCO-AS1324-AD Datasheet
910Kb / 20P
1.5MHz, 600mA, DC/DC Step-Down Regulator
More results

Similar Description - AS1324

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
ams AG
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
logo
Leshan Radio Company
LR8506 LRC-LR8506 Datasheet
472Kb / 10P
1.5MHz 600mA Synchronous
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com