Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 2 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 2 Page - ams AG

  AS1324 Datasheet HTML 1Page - ams AG AS1324 Datasheet HTML 2Page - ams AG AS1324 Datasheet HTML 3Page - ams AG AS1324 Datasheet HTML 4Page - ams AG AS1324 Datasheet HTML 5Page - ams AG AS1324 Datasheet HTML 6Page - ams AG AS1324 Datasheet HTML 7Page - ams AG AS1324 Datasheet HTML 8Page - ams AG AS1324 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
2 - 21
AS1324
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1
EN
Enable Input. Driving this pin above 1.5V enables the device. Driving this pin below 0.3V puts the
device in shutdown mode. In shutdown mode all functions are disabled while SW goes high
impedance, drawing <1µA supply current.
Note:
This pin should not be left floating.
2
GND
Ground.
3
SW
Switch Node Connection to Inductor. This pin connects to the drains of the internal main and
synchronous power MOSFET switches.
4
VIN
Input Supply Voltage. This pin must be closely decoupled to GND with a
≥ 4.7µF ceramic capacitor.
Connect to any supply voltage between 2.7 to 5.5V.
5
VFB
Feedback Pin. This pin receives the feedback voltage from the external resistor divider across the
output. (Adjustable voltage variant only.)
VOUT
Output Voltage Feedback Pin. An internal resistor divider steps the output voltage down for
comparison to the internal reference voltage. (Fixed voltage variants only.)
5
VFB
AS1324
4
VIN
2
GND
3
SW
1
EN
5
VOUT
AS1324-12/
AS1324-15/
AS1324-18
4
VIN
2
GND
3
SW
1
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com