Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 16 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 16 Page - ams AG

Back Button AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG AS1324 Datasheet HTML 16Page - ams AG AS1324 Datasheet HTML 17Page - ams AG AS1324 Datasheet HTML 18Page - ams AG AS1324 Datasheet HTML 19Page - ams AG AS1324 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
16 - 21
AS1324
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9.10 Layout Considerations
The AS1324 requires proper layout and design techniques for optimum performance.
The power traces (GND, SW, and VIN) should be kept as short, direct, and wide as is practical.
Pin VFB (AS1324 only) should be connected directly to the feedback resistors (R1 and R2). A potentiometer as replacement for R1 and R2
should be avoided to minimize the output voltage ripple and to maintain the stability of the regulator.
The resistive divider (R1/R2) must be connected between the positive plate of COUT and ground.
The positive plate of CIN should be connected as close to VIN as is practical since CIN provides the AC current to the internal power MOS-
FETs.
Switching node SW should be kept far away from the sensitive VFB node.
The negative plates of CIN and COUT should be kept as close to each other as is practical. A starpoint to Ground is recommended.
Figure 29. AS1324 Basic PCB Layout
Figure 30. AS1324 Basic Diagram
5
AS1324
4
3
2
1
Via to GND
Via to VOUT
VOUT
SW
GND
VIN
Via to VIN
COUT
CIN
L1
R1
R2
CFWD
AS1324
1
EN
4
VIN
3
SW
5
VFB
2
GND
CIN
L1
R1
R2
CFWD
High Current Path
VIN
COUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com