Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 6 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 6 Page - ams AG

Back Button AS1324 Datasheet HTML 2Page - ams AG AS1324 Datasheet HTML 3Page - ams AG AS1324 Datasheet HTML 4Page - ams AG AS1324 Datasheet HTML 5Page - ams AG AS1324 Datasheet HTML 6Page - ams AG AS1324 Datasheet HTML 7Page - ams AG AS1324 Datasheet HTML 8Page - ams AG AS1324 Datasheet HTML 9Page - ams AG AS1324 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
6 - 21
AS1324
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Switching Frequency vs. Supply Voltage
Figure 10. Switching Frequency vs. Temperature
1.4
1.45
1.5
1.55
1.6
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
1.4
1.45
1.5
1.55
1.6
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
Figure 11. Feedback Voltage vs. Temperature
Figure 12. Output Voltage vs. Input Voltage
0.59
0.595
0.6
0.605
0.61
-45 -30 -15
0
15
30
45
60
75
90
Temperature (C°)
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
IOUT = 600mA
IOUT = 100mA
IOUT = 10mA
IOUT = 1mA
IOUT = 100µA
Figure 13. VOUT vs. IOUT; VOUTNOM = 1.2V
Figure 14. VOUT vs. IOUT; VOUTNOM = 1.5V
1.1
1.15
1.2
1.25
1.3
0
100
200
300
400
500
600
Output Current (mA)
Vin=2.5V
Vin=2.7V
Vin=5.5V
1.4
1.45
1.5
1.55
1.6
0
100
200
300
400
500
600
Output Current (mA)
Vin=2.5V
Vin=2.7V
Vin=5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com