Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 13 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 13 Page - ams AG

Back Button AS1324 Datasheet HTML 9Page - ams AG AS1324 Datasheet HTML 10Page - ams AG AS1324 Datasheet HTML 11Page - ams AG AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG AS1324 Datasheet HTML 16Page - ams AG AS1324 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
13 - 21
AS1324
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9.4 Input Capacitor Selection
In continuous mode, the source current of the PMOS is a square wave of the duty cycle VOUT/VIN. To prevent large voltage transients while
minimizing the interference with other circuits caused by high input voltage spikes, a low ESR input capacitor sized for the maximum RMS
current must be used. The maximum RMS capacitor current is given as:
where the maximum average output current IMAX equals the peak current minus half the peak-to-peak ripple current, IMAX = ILIM -
∆IL/2
This formula has a maximum at VIN = 2VOUT where IRMS = IOUT/2. This simple worst-case condition is commonly used for design because
even significant deviations only provide negligible affects.
The input capacitor can be increased without any limit for better input voltage filtering. Take care when using small ceramic input capacitors.
When a small ceramic capacitor is used at the input, and the power is being supplied through long wires, such as from a wall adapter, a load step
at the output, or VIN step on the input, can induce ringing at the VIN pin. This ringing can then couple to the output and be mistaken as loop
instability, or could even damage the part by exceeding the maximum ratings.
9.4.1
Ceramic Input and Output Capacitors
When choosing ceramic capacitors for CIN and COUT, the X5R or X7R dielectric formulations are recommended. These dielectrics have the
best temperature and voltage characteristics for a given value and size. Y5V and Z5U dielectric capacitors, aside from their wide variation in
capacitance over temperature, become resistive at high frequencies and therefore should not be used.
Because ceramic capacitors lose a lot of their initial capacitance at their maximum rated voltage, it is recommended that either a higher input
capacity or a capacitance with a higher rated voltage is used.
9.5 Feedback Resistor Selection
In the AS1324-AD, the output voltage is set by an external resistor divider connected to VFB (see Figure 27). This circuitry allows for remote
voltage sensing and adjustment.
Figure 27. Setting the AS1324 Output Voltage
Resistor values for the circuit shown in Figure 27 can be calculated as:
The output voltage can be adjusted by selecting different values for R1 and R2. For R1 a value between 10k
Ω and 500kΩ is recommended. A
higher resistance of R1 and R2 will result in a lower leakage current at the output. It is recommended to keep VIN 500mV higher than VOUT.
Table 6. Recommended Input and Output Capacitor
Part Number
C
TC Code
Rated Voltage
Dimensions (L/W/T)
Manufacturer
JMK212BJ226MG-T
22µF
X5R
6.3V
0805
Taiyo Yuden
www.t-yuden.com
GRM188R60J106ME47
10µF
X5R
6.3V
0603
Murata
www.murata.com
GRM21BR71A475KA73
4.7µF
X7R
10V
0805
(EQ 6)
I
RMS
I
MAX
V
OUT
V
IN
V
OUT
–
(
)
×
V
IN
------------------------------------------------------------
×
=
R2
0.6V
≤ VOUT ≤ 5.5V
R1
AS1324
5
VFB
2
GND
R1<<R2
(EQ 7)
V
OUT
0,6
1
R
2
R
1
-------
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com