Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 8 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA, DC/DC Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 8 Page - ams AG

Back Button AS1324 Datasheet HTML 4Page - ams AG AS1324 Datasheet HTML 5Page - ams AG AS1324 Datasheet HTML 6Page - ams AG AS1324 Datasheet HTML 7Page - ams AG AS1324 Datasheet HTML 8Page - ams AG AS1324 Datasheet HTML 9Page - ams AG AS1324 Datasheet HTML 10Page - ams AG AS1324 Datasheet HTML 11Page - ams AG AS1324 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.austriamicrosystems.com
Revision 1.03
8 - 20
AS1324
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1324 is a high-efficiency buck converter that uses a constant-frequency current-mode architecture. The device
contains two internal MOSFET switches and is available in adjustable- and fixed-output voltage versions.
Figure 21. Block Diagram
Main Control Loop
During PWM operation the converters use a 1.5MHz fixed-frequency, current-mode control scheme. Basis of the cur-
rent-mode PWM controller is an open-loop, multiple input comparator that compares the error-amp voltage feedback
signal against the sum of the amplified current-sense signal and the slope-compensation ramp. At the beginning of
each clock cycle, the internal high-side PMOS turns on until the PWM comparator trips. During this time the current in
the inductor ramps up, sourcing current to the output and storing energy in the inductor’s magnetic field. When the
PMOS turns off, the internal low-side NMOS turns on. Now the inductor releases the stored energy while the current
ramps down, still providing current to the output. The output capacitor stores charge when the inductor current
exceeds the load and discharges when the inductor current is lower than the load. Under overload conditions, when
the inductor current exceeds the current limit, the high-side PMOS is turned off and the low-side NMOS remains on
until the next clock cycle.
When the PMOS is off, the NMOS is turned on until the inductor current starts to reverse (as indicated by the current
reversal comparator (IRCMP)), or the next clock cycle begins. The IRCMP detects the zero crossing.
The peak inductor current (IPK) is controlled by the error amplifier. When IOUT increases, VFB decreases slightly relative
to the internal 0.6V reference, causing the error amplifier’s output voltage to increase until the average inductor current
matches the new load current.
The over-voltage detection comparator (OVDET) guards against transient overshoots by turning the main switch off
and keeping it off until the transient is removed.
AS1324
OSC
Frequency
Shift
0.6V
Reference
+
–
Error
Amp
Shutdown
Ramp
Compensator
R2
0.6V
FB
OSCN
Digital
Logic
0.6V +
ΔVOVL
0.6V -
ΔVOVL
–
OVDET
+
–
+
–
ICOMP
+
–
IRCMP
+
Anti-
Shoot
Through
Not applicable to AS1324
AS1324-12: R1 + R2 = 600k
Ω
AS1324-15: R1 + R2 = 750k
Ω
AS1324-18: R1 + R2 = 900k
Ω
R1
PMOS
1
EN
5
VOUT/VFB
4
VIN
3
SW
2
GND
NMOS
COUT
10µF
VOUT
4.7µH
CIN
10µF
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com