Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 19 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA, DC/DC Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 19 Page - ams AG

Back Button AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG AS1324 Datasheet HTML 16Page - ams AG AS1324 Datasheet HTML 17Page - ams AG AS1324 Datasheet HTML 18Page - ams AG AS1324 Datasheet HTML 19Page - ams AG AS1324 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
www.austriamicrosystems.com
Revision 1.03
19 - 20
AS1324
Data Sheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the following standard versions.
All devices are RoHS compliant and free of halogene substances.
Table 7. Ordering Information
Model
Marking
Output
Description
Delivery Form
Package
AS1324-BTTT-AD
ASKR
adjustable
1.5MHz, 600mA Synchronous
DC/DC Converter
Tape and Reel
5-pin TSOT-23
AS1324-BTTT-12
ASKT
1.2V
1.5MHz, 600mA Synchronous
DC/DC Converter
Tape and Reel
5-pin TSOT-23
AS1324-BTTT-15
ASKU
1.5V
1.5MHz, 600mA Synchronous
DC/DC Converter
Tape and Reel
5-pin TSOT-23
AS1324-BTTT-18
ASKS
1.8V
1.5MHz, 600mA Synchronous
DC/DC Converter
Tape and Reel
5-pin TSOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com