Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 11 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA, DC/DC Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 11 Page - ams AG

Back Button AS1324 Datasheet HTML 7Page - ams AG AS1324 Datasheet HTML 8Page - ams AG AS1324 Datasheet HTML 9Page - ams AG AS1324 Datasheet HTML 10Page - ams AG AS1324 Datasheet HTML 11Page - ams AG AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.austriamicrosystems.com
Revision 1.03
11 - 20
AS1324
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 25. Single Li-Ion 1.8V/600mA Regulator for Low Output Ripple
External Component Selection
Inductor Selection
For most applications the value of the external inductor should be in the range of 2.2 to 6.8µH as the inductor value
has a direct effect on the ripple current. The selected inductor must be rated for its DC resistance and saturation cur-
rent. The inductor ripple current (
ΔIL) decreases with higher inductance and increases with higher VIN or VOUT.
In Equation (EQ 2) the maximum inductor current in PWM mode under static load conditions is calculated. The satura-
tion current of the inductor should be rated higher than the maximum inductor current as calculated with Equation (EQ
3). This is recommended because the inductor current will rise above the calculated value during heavy load tran-
sients.
Where:
f = Switching Frequency (1.5 MHz typical)
L = Inductor Value
ILmax = Maximum Inductor current
ΔIL = Peak to Peak inductor ripple current
The recommended starting point for setting ripple current is
ΔIL = 240mA (40% of 600mA).
The DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current
to prevent core saturation. Thus, a 720mA rated inductor should be sufficient for most applications (600mA + 120mA).
A easy and fast approach is to select the inductor current rating fitting to the maximum switch current limit of the con-
verter.
Note:
For highest efficiency, a low DC-resistance inductor is recommended.
Accepting larger values of ripple current allows the use of low inductance values, but results in higher output voltage
ripple, greater core losses, and lower output current capability.
COUT
22µF
CIN
10µF
VOUT
1.8V
600mA
4.7µH
VIN
2.7 to 4.2V
AS1324-
18
3
SW
4
VIN
1
EN
5
VOUT
GND
2
(EQ 2)
ΔI
L
V
OUT
1
V
OUT
V
IN
--------------
–
Lf
×
------------------------
×
=
(EQ 3)
I
LMAX
I
OUTMAX
ΔI
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com