Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1324 Datasheet(PDF) 14 Page - ams AG

Part # AS1324
Description  1.5MHz, 600mA, DC/DC Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324 Datasheet(HTML) 14 Page - ams AG

Back Button AS1324 Datasheet HTML 10Page - ams AG AS1324 Datasheet HTML 11Page - ams AG AS1324 Datasheet HTML 12Page - ams AG AS1324 Datasheet HTML 13Page - ams AG AS1324 Datasheet HTML 14Page - ams AG AS1324 Datasheet HTML 15Page - ams AG AS1324 Datasheet HTML 16Page - ams AG AS1324 Datasheet HTML 17Page - ams AG AS1324 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.austriamicrosystems.com
Revision 1.03
14 - 20
AS1324
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 27. Setting the AS1324 Output Voltage
Resistor values for the circuit shown in Figure 27 can be calculated as:
The output voltage can be adjusted by selecting different values for R1 and R2. For R1 a value between 10k
Ω and
500k
Ω is recommended. A higher resistance of R1 and R2 will result in a lower leakage current at the output. It is rec-
ommended to keep VIN 500mV higher than VOUT.
Efficiency
The efficiency of a switching regulator is equivalent to:
Efficiency = (POUT/PIN)100%
(EQ 8)
For optimum design, an analysis of the AS1324 is needed to determine efficiency limitations and to determine design
changes for improved efficiency. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
(EQ 9)
Where:
L1, L2, L3, etc. are the individual losses as a percentage of input power.
Althought all dissipative elements in the circuit produce losses, those four main sources should be considered for effi-
ciency calculation:
Input Voltage Quiescent Current Losses
The VIN current is the DC supply current given in the electrical characteristics which excludes MOSFET driver and con-
trol currents. VIN current results in a small (<0.1%) loss that increases with VIN, even at no load. The VIN quiescent cur-
rent loss dominates the efficiency loss at very low load currents.
I²R Losses
Most of the efficiency loss at medium to high load currents are attributed to I²R loss, and are calculated from the resis-
tances of the internal switches (RSW) and the external inductor (RL). In continuous mode, the average output current
flowing through inductor L is split between the internal switches. Therefore, the series resistance looking into the SW
pin is a function of both NMOS & PMOS RDS(ON) as well as the the duty cycle (DC) and can be calculated as follows:
RSW = (RDS(ON)PMOS)(DC) + (RDS(ON)NMOS)(1 – DC)
(EQ 10)
The RDS(ON) for both MOSFETs can be obtained from the Electrical Characteristics on page 4. Thus, to obtain I²R
losses calculate as follows:
I²R losses = IOUT²(RSW + RL)(EQ 11)
Switching Losses
The switching current is the sum of the control currents and the MOSFET driver. The MOSFET driver current results
from switching the gate capacitance of the power MOSFETs. If a MOSFET gate is switched from low to high to low
again, a packet of charge dQ moves from VIN to ground. The resulting dQ/dt is a current out of VIN that is typically
much larger than the DC bias current. In continuous mode:
IGC = f(QPMOS + QNMOS)(EQ 12)
Where:
QPMOS and QNMOS are the gate charges of the internal MOSFET switches.
The losses of the gate charges are proportional to VIN and thus their effects will be more visible at higher supply volt-
ages.
Other Losses
R2
0.6V
≤ VOUT ≤ 5.5V
R1
AS1324
5
VFB
2
GND
R1<<R2
(EQ 7)
V
OUT
0,6
1
R
2
R
1
-------
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com